Electronic Components Datasheet Search
  English  ▼

X  

S1000 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1000
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1000 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1000 Datasheet HTML 17Page - Seiko Instruments Inc S1000 Datasheet HTML 18Page - Seiko Instruments Inc S1000 Datasheet HTML 19Page - Seiko Instruments Inc S1000 Datasheet HTML 20Page - Seiko Instruments Inc S1000 Datasheet HTML 21Page - Seiko Instruments Inc S1000 Datasheet HTML 22Page - Seiko Instruments Inc S1000 Datasheet HTML 23Page - Seiko Instruments Inc S1000 Datasheet HTML 24Page - Seiko Instruments Inc S1000 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_00
S-1000 Series
Seiko Instruments Inc.
21
VIH
Output voltage
Input voltagae
VIL
VDD
tPHL
tPLH
VIH
= 5.5 V, VIL = 0.95 V
1
μs
1
μs
VDD
× 10%
VDD
× 90%
Figure 22 Measurement condition for response time
OUT
VSS
VDD
S-1000
Series
V
R
*1
100 k
Ω
COUT
VDD
V
*1.
R is unnecessary for CMOS output products.
Figure 23 Measurement circuit for response time
Caution The above connection diagram and constants do not guarantee correct operation. Perform sufficient
evaluation using the actual application to set the constants.
Application Circuit Examples
1. Microcomputer reset circuits
If the power supply voltage to a microcomputer falls below the specified level, an unspecified operation may be
performed or the contents of the memory register may be lost. When power supply voltage returns to normal, the
microcomputer needs to be initialized before normal operations can be done.
Reset circuits protect microcomputers in the event of current being momentarily switched off or lowered.
Reset circuits shown in Figures 24, 25 can be easily constructed with the help of the S-1000 series, that has low
operating voltage, a high-precision detection voltage and hysteresis.
VSS
VDD
Microcomputer
S-1000C
VSS
(Only for Nch open-drain products)
VDD1
VDD2
Microcomputer
S-1000N
Figure 24 Reset circuit example(S-1000C)
Figure 25 Reset circuit example (S-1000N)
Caution The above connection diagram and constants do not guarantee correct operation. Perform sufficient
evaluation using the actual application to set the constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com