Electronic Components Datasheet Search
  English  ▼

X  

MAX5910ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5910ESA
Description  65V Simple Swapper Hot-Swap Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5910ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5910ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5910ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
+65V Simple Swapper Hot-Swap Switches
_______________________________________________________________________________________
3
Note 1: Measured at GND pin at the end of the output voltage slew.
Note 2: Guaranteed by RDSON test. Limited by package power dissipation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Zero-Current Detection
Threshold Hysteresis
IFHYS
Percentage of IFTH
10
%
IFAULT Output Delay
tIFD
(Figure 1)
7
12
17
ms
PGOOD Output Delay
tPGD
(Figure 2)
7
12
17
ms
Thermal Shutdown Temperature
TJ
Die temperature increasing
140
oC
Thermal Shutdown Hysteresis
TJHYS
3.5
oC
Default Undervoltage Lockout
VUVLO
VIN decreasing
24.5
26.5
28.5
V
Undervoltage Lockout
Hysteresis
UVLOHYS
Percentage of VUVLO
11
%
Minimum Undervoltage Lockout
Threshold
VUVLO
(MIN)
UVLO connected to VIN,
VIN decreasing
77.5
8
V
Undervoltage Lockout Input
Resistance
RUVLO
Force I = 5
µA into UVLO pin
260
k
Ω
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +42V, GND = 0, UVLO = open circuit, VENABLE = +3.3V, and TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.)
IOUT
IFAULT
3.3V
0
tIFD
IFTH
Figure 1. IFAULT Delay
tPGD
VPG
VIN
PGOOD
3.3V
0
Figure 2. Power-Good Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com