Electronic Components Datasheet Search
  English  ▼

X  

S5813A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S5813A
Description  CMOS TEMPERATURE SENSOR IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5813A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S5813A Datasheet HTML 9Page - Seiko Instruments Inc S5813A Datasheet HTML 10Page - Seiko Instruments Inc S5813A Datasheet HTML 11Page - Seiko Instruments Inc S5813A Datasheet HTML 12Page - Seiko Instruments Inc S5813A Datasheet HTML 13Page - Seiko Instruments Inc S5813A Datasheet HTML 14Page - Seiko Instruments Inc S5813A Datasheet HTML 15Page - Seiko Instruments Inc S5813A Datasheet HTML 16Page - Seiko Instruments Inc S5813A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.4.1_00
S-5813A/5814A Series
Seiko Instruments Inc.
13
6. Output voltage (VOUT) vs. Load current (IOUT)
0
0.2
0.4
0.6
0.8
1.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0.1
0.3
0.5
0.7
0.9
Ta =
+100°C
Ta =
+30°C
Ta =
−40°C
IOUT [mA]
VDD = 2.4 V
0
1.0
2.0
3.0
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.5
2.5
3.5
Ta =
+100°C
Ta =
+30°C
IOUT [mA]
VDD = 5.0 V
Ta =
−40°C
0
4.0
8.0
12.0
3.0
2.5
2.0
1.5
1.0
0.5
0
2.0
6.0
10.0
Ta =
+100°C
Ta =
+30°C
Ta =
−40°C
IOUT [mA]
VDD = 10.0 V
7. Heat response Output voltage (VOUT) vs. Time (t)
When package is put into the air of
+100°C from the air
of
+25°C
When package is put into the liquid of
+100°C from the
air of
+25°C
0
60
120
180
1.7
1.6
1.5
1.4
1.3
1.2
1.1
30
90
150
2.1
2.0
1.9
1.8
210 240
t [s]
020
40
60
1.7
1.6
1.5
1.4
1.3
1.2
1.1
10
30
50
2.1
2.0
1.9
1.8
t [s]
8. Start up response
t (50
μs / div.)
Ta =
+25°C, CL = 100 pF, RL = 10 MΩ
VDD
(= 5.0 V)
VOUT
1 V / div.
GND
1 V / div.
GND
t (50
μs / div.)
Ta =
+25°C, CL = 100 pF, RL = 10 MΩ
VDD
(= 2.4 V)
VOUT
1 V / div.
GND
1 V / div.
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com