Electronic Components Datasheet Search
  English  ▼

X  

S5842A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S5842A
Description  DUAL TRIP TEMPERATURE SWITCH IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5842A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S5842A Datasheet HTML 9Page - Seiko Instruments Inc S5842A Datasheet HTML 10Page - Seiko Instruments Inc S5842A Datasheet HTML 11Page - Seiko Instruments Inc S5842A Datasheet HTML 12Page - Seiko Instruments Inc S5842A Datasheet HTML 13Page - Seiko Instruments Inc S5842A Datasheet HTML 14Page - Seiko Instruments Inc S5842A Datasheet HTML 15Page - Seiko Instruments Inc S5842A Datasheet HTML 16Page - Seiko Instruments Inc S5842A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
DUAL TRIP TEMPERATURE SWITCH IC IC (THERMOSTAT IC)
Rev.2.3_00
S-5842A Series
Seiko Instruments Inc.
13
2. Example of product spec
Example of Product Spec
Operation
Output form: CMOS output
Output type: Separate type
[DETH pin]
Detection voltage: TDH
Hysteresis temperature:
THYSH (
< 0)
Output logic: "H"
[DETL pin]
Detection voltage: TDL
Hysteresis temperature:
THYSL (
< 0)
Output logic: "H"
DETH pin output
Temp
TDH
THYSH
DETL pin output
Temp
TDL
THYSL
L
H
L
H
Figure 9 Operation for CMOS Output and Separate Type
Output form: CMOS output
Output type: Integrate type
[DETH pin]
Detection temperature: TDH
Hysteresis temperature:
THYSH (
< 0)
Output logic: "H"
[DETL pin]
Detection temperature: TDL
Hysteresis temperature:
THYSL (
< 0)
Output logic: "H"
DETH pin output
Temp
TDH
THYSH
DETL pin output
Temp
TDL
THYSL
TDH
THYSH
L
H
L
H
Figure 10 Operation for CMOS Output and Integrate Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com