Electronic Components Datasheet Search
  English  ▼

X  

9DMU0431 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DMU0431
Description  HCSL differential inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMU0431 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DMU0431 Datasheet HTML 3Page - Integrated Device Technology 9DMU0431 Datasheet HTML 4Page - Integrated Device Technology 9DMU0431 Datasheet HTML 5Page - Integrated Device Technology 9DMU0431 Datasheet HTML 6Page - Integrated Device Technology 9DMU0431 Datasheet HTML 7Page - Integrated Device Technology 9DMU0431 Datasheet HTML 8Page - Integrated Device Technology 9DMU0431 Datasheet HTML 9Page - Integrated Device Technology 9DMU0431 Datasheet HTML 10Page - Integrated Device Technology 9DMU0431 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REVISION A 09/24/14
7
2:4 1.5V PCIE GEN1-2-3 CLOCK MUX
9DMU0431 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Phase Jitter Parameters
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-1
-0.05
1
%
1,3
Skew, Input to Output
tpdBYP
Bypass Mode, VT = 50%
2046
2864
4010
ps
1
Skew, Output to Output
tsk3
VT = 50%
19
50
ps
1,4
Jitter, Cycle to cycle
tjcyc-cyc
Additive Jitter in Bypass Mode
0.1
5
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
easured from differential waveform
4 All outputs at default slew rate
5 The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
1.3
5
N/A
ps (p-p) 1,2,3,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.5
N/A
ps
(rms)
1,2,3,4,
5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.1
0.6
N/A
ps
(rms)
1,2,3,4
tjphPCIeG3
PCIe Gen 3
(PLL BW of 2-4 or 2-5MHz, CDR = 10MHz)
0.170
0.3
N/A
ps
(rms)
1,2,3,4
tjph125M0
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
365
380
N/A
fs
(rms)
1,6
tjph125M1
125MHz, 12KHz to 20MHz, -20dB/decade
rollover < 12kHz, -40db/decade rolloff > 20MHz
535
550
N/A
fs
(rms)
1,6
1Guaranteed by design and characterization, not 100% tested in production.
4 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2]
5 Driven by 9FGU0831 or equivalent
6 Rohde&Schartz SMA100
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
Additive Phase Jitter,
Bypass Mode
tjphPCIeG2
2 See http://www.pcisig.com for complete specs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com