Electronic Components Datasheet Search
  English  ▼

X  

9DMU0441 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DMU0441
Description  Selectable asynchronous or glitch-free switching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMU0441 Datasheet(HTML) 2 Page - Integrated Device Technology

  9DMU0441 Datasheet HTML 1Page - Integrated Device Technology 9DMU0441 Datasheet HTML 2Page - Integrated Device Technology 9DMU0441 Datasheet HTML 3Page - Integrated Device Technology 9DMU0441 Datasheet HTML 4Page - Integrated Device Technology 9DMU0441 Datasheet HTML 5Page - Integrated Device Technology 9DMU0441 Datasheet HTML 6Page - Integrated Device Technology 9DMU0441 Datasheet HTML 7Page - Integrated Device Technology 9DMU0441 Datasheet HTML 8Page - Integrated Device Technology 9DMU0441 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2:4 1.5V PCIE GEN1-2-3 CLOCK MUX W/ZO=100OHMS
2
REVISION A 09/24/14
9DMU0441 DATASHEET
Pin Configuration
Power Management Table
Power Connections
Pin Descriptions
24 23 22 21 20 19
DIF_INA 1
18 DIF2#
DIF_INA# 2
17 DIF2
VDDR1.5 3
16 VDD1.5
VDDR1.5 4
15 GND
DIF_INB 5
14 DIF1#
DIF_INB# 6
13 DIF1
7
8
9 101112
24 VFQFPN, 4x4 mm, 0.5mm pitch
^ prefix indicates internal 120KOhm pull up resistor
v prefix indicates internal 120KOhm pull down resistor
9DMU0441
Connect ePad
to GND
True O/P
Comp. O/P
0
Running
Running
Running
1
Running
Low
Low
DIF_IN
OEx# Pin
DIFx
VDD
GND
324
47
16
15
DIF outputs
Description
Pin Number
Input A receiver analog
Input B receiver analog
Pin# Pin Name
Type
Pin Description
1
DIF_INA
IN
HCSL Differential True input
2
DIF_INA#
IN
HCSL Differential Complement Input
3
VDDR1.5
PWR
1.5V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
4
VDDR1.5
PWR
1.5V power for differential input clock (receiver). This VDD should be treated as an Analog
power rail and filtered appropriately.
5
DIF_INB
IN
HCSL Differential True input
6
DIF_INB#
IN
HCSL Differential Complement Input
7
GNDR
GND
Analog Ground pin for the differential input (receiver)
8vSW_MODE
IN
Switch Mode. This pin selects either asynchronous or glitch-free switching of the mux. Use
asynchronous mode if 0 or 1 of the input clocks is running. Use glitch-free mode if both input
clocks are running. This pin has an internal pull down resistor of ~120kohms.
0 = asynchronous mode
1 = glitch-free mode
9^OE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
10
DIF0
OUT
Differential true clock output
11
DIF0#
OUT
Differential Complementary clock output
12
^OE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-up resistor.
1 =disable outputs, 0 = enable outputs
13
DIF1
OUT
Differential true clock output
14
DIF1#
OUT
Differential Complementary clock output
15
GND
GND
Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com