Electronic Components Datasheet Search
  English  ▼

X  

9DMV0141 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DMV0141
Description  Spread Spectrum Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMV0141 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DMV0141 Datasheet HTML 2Page - Integrated Device Technology 9DMV0141 Datasheet HTML 3Page - Integrated Device Technology 9DMV0141 Datasheet HTML 4Page - Integrated Device Technology 9DMV0141 Datasheet HTML 5Page - Integrated Device Technology 9DMV0141 Datasheet HTML 6Page - Integrated Device Technology 9DMV0141 Datasheet HTML 7Page - Integrated Device Technology 9DMV0141 Datasheet HTML 8Page - Integrated Device Technology 9DMV0141 Datasheet HTML 9Page - Integrated Device Technology 9DMV0141 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
REVISION B 01/26/15
7
2:1 1.8V PCIE GEN1-2-3 CLOCK MUX W/ZO=100OHMS
9DMV0141 DATASHEET
Marking Diagram
Notes:
1. “XXX” is the last 3 characters of the lot number.
2. “YYWW” is the last two digits of the year and week that the part was assembled.
3. Line 3: truncated part number
4. “L” denotes RoHS compliant package.
5. “I” denotes industrial temperature grade.
Thermal Characteristics
XXX
YYWW
41AIL
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
66
°C/W
1
θJb
Junction to Base
5
°C/W
1
θJA0
Junction to Air, still air
63
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
56
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
51
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
49
°C/W
1
1ePad soldered to board
Thermal Resistance
NLG16



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com