Electronic Components Datasheet Search
  English  ▼

X  

MAX5915EUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5915EUI
Description  Dual PCI 2.2 Hot-Swap Controllers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5915EUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5915EUI Datasheet HTML 9Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 10Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 11Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 12Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 13Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 14Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 15Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 16Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
able all of the affected channel outputs, auxiliary and
main. A fault condition occurs when the output voltage
falls below the set undervoltage threshold or the output
current reaches the overcurrent threshold. When a fault
occurs, all supplies of the affected channel are dis-
abled after a time period tDELAY. All outputs are auto-
matically restarted after a time equal to tRESTART. This
reset is built into both the MAX5915/MAX5916.
Current Limits
All supplies are protected against output overcurrent or
short-circuit conditions. The MAX5915 and MAX5916
employ a “brickwall” current limit on the +3.3V and +5V
supplies and a current-foldback scheme on the ±12V
and +3.3V auxiliary supplies.
Brickwall
A brickwall current limit protects the +3.3V and +5V
main supplies by limiting the load current. The external
sense resistors and the current-limit threshold set the
brickwall current limits. A fault occurs when the load
current reaches the brickwall limit. The main outputs
shut down after tDELAY if the fault remains. The brick-
wall feature limits inrush current caused by positive
supply voltage steps.
Foldback
The ±12V and +3.3V auxiliary supplies employ an inter-
nal current-foldback scheme. The MAX5915/MAX5916
gradually limit the load current once the current-fold-
back threshold is reached. If the overcurrent condition
lasts longer than a fast transient, the output current is
reduced to the foldback current limit and remains at
that level for tDELAY unless the overcurrent condition is
cleared. See the Typical Operating Characteristics.
Dual PCI 2.2 Hot-Swap Controllers
______________________________________________________________________________________
13
tSTART
ON_
+12VIN
3.3VAUXIN
PGOOD_
TIMING NOT TO SCALE
AUXON_
+12V
UVLO THRESHOLD
3.3VAUX UVLO THRESHOLD
+12VO_
5VO_
3.3VO_
3.3VAUXO_
-12VO_
Figure 1. Startup Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com