Electronic Components Datasheet Search
  English  ▼

X  

S8110C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8110C
Description  CMOS TEMPERATURE SENSOR IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8110C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8110C Datasheet HTML 9Page - Seiko Instruments Inc S8110C Datasheet HTML 10Page - Seiko Instruments Inc S8110C Datasheet HTML 11Page - Seiko Instruments Inc S8110C Datasheet HTML 12Page - Seiko Instruments Inc S8110C Datasheet HTML 13Page - Seiko Instruments Inc S8110C Datasheet HTML 14Page - Seiko Instruments Inc S8110C Datasheet HTML 15Page - Seiko Instruments Inc S8110C Datasheet HTML 16Page - Seiko Instruments Inc S8110C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CMOS TEMPERATURE SENSOR IC
Rev.5.1_00
S-8110C/8120C Series
Seiko Instruments Inc.
13
Typical Characteristics
1. Temperature (Ta) vs. Output voltage (VOUT)
2. Temperature (Ta) vs. Current consumption (IDD)
−40 −20
0
20
40
60
80
100
Ta [
°C]
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
−40 −20
0
20
40
60
80
100
Ta [
°C]
0
VDD = 10.0 V
VDD = 5.0 V
VDD = 2.4 V
1
2
3
4
5
6
7
8
9
10
3. Error range of each temperature
4. Power supply voltage (VDD) vs. Current consumption
(IDD)
−40 −20
0
20
40
60
80
100
Ta [
°C]
−6
−4
−2
0
2
4
6
VOUT [mV] =
−8.2 [mV] × Ta [°C] + 1705 [mV]
Approximated straight line:
VDD [V]
0
1
2
3
4
5
6
7
8
9
10
Ta =
−40°C
Ta =
+30°C
Ta =
+100°C
2.0 3.0
4.0 5.0 6.0 7.0
8.0
10.0
9.0
5. Power supply voltage (VDD) vs. Output voltage (VOUT)
VDD [V]
2.030
2.031
2.032
2.033
2.034
2.035
2.036
2.037
2.038
Ta =
−40°C
2.0 3.0
4.0 5.0 6.0 7.0
8.0
10.0
9.0
VDD [V]
1.471
1.472
1.473
1.474
1.475
1.476
1.477
1.478
1.479
Ta =
+30 °C
2.0 3.0
4.0 5.0 6.0 7.0
8.0
10.0
9.0
VDD [V]
0.879
0.880
0.881
0.882
0.883
0.884
0.885
0.886
0.887
Ta =
+100°C
2.0 3.0
4.0 5.0 6.0 7.0
8.0
10.0
9.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com