Electronic Components Datasheet Search
  English  ▼

X  

S8204B Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8204B
Description  FOR 3-SERIES OR 4-SERIES CELL PACK
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8204B Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8204B Datasheet HTML 7Page - Seiko Instruments Inc S8204B Datasheet HTML 8Page - Seiko Instruments Inc S8204B Datasheet HTML 9Page - Seiko Instruments Inc S8204B Datasheet HTML 10Page - Seiko Instruments Inc S8204B Datasheet HTML 11Page - Seiko Instruments Inc S8204B Datasheet HTML 12Page - Seiko Instruments Inc S8204B Datasheet HTML 13Page - Seiko Instruments Inc S8204B Datasheet HTML 14Page - Seiko Instruments Inc S8204B Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.7_00
S-8204B Series
Seiko Instruments Inc.
11
3. 7 CIT pin detection voltage (VCIT)
The CIT pin detection voltage (VCIT) is the voltage at the CIT pin when the DOP pin's voltage is set to "L" (voltage
VDS
× 0.1 V or less) after increasing the CIT pin's voltage gradually, after setting VVINI = VDIOV1 max. + 0.05 V from
the initial status.
3. 8 Load short-circuit detection delay time (tSHORT)
Load short-circuit detection delay time (tSHORT) is a period in which the VINI pin's voltage changes from "H" to "L"
by changing the VINI pin's voltage instantaneously from the initial status to VSHORT max.
+ 0.05 V.
4. 0 V battery charge starting voltage (0 V battery charge function "available"), 0 V battery charge
inhibition battery voltage (0 V battery charge function "unavailable")
(Test circuit 2)
Confirm both COP pin and DOP pin are in "H" (its voltage level is VDS
× 0.9 V or more) after setting VVMP = VSEL =
VCTLC = VCTLD = VDD, VVINI = VSS, CCT pin = Open, CDT pin = Open, CIT pin = Open, V1 = V2 = V3 = V4 = 3.5 V.
(This status is referred to as initial status.)
According to user's selection of the function to charge 0 V battery, either function of voltage for start charging 0 V
battery or battery voltage for inhibit charging 0 V battery is applied to each product.
4. 1 0 V battery charge starting voltage (V0CHA) (0 V battery charge function "available")
0 V battery charge starting voltage (V0CHA) is a voltage at V1; when a voltage at the COP pin is set to "H" after
increasing a voltage at V1 gradually, after setting V1 = V2 = V3 = V4 = 0 V from the initial status.
4. 2 0 V battery charge inhibition battery voltage (V0INH) (0 V battery charge function "unavailable")
0 V battery charge inhibition battery voltage (V0INH) is a voltage at V1; when a voltage at the COP pin is set to "L"
after decreasing a voltage at V1 gradually from the initial status.
5. Resistance between VMP pin and VDD pin, resistance between VMP pin and VSS pin, VC1 pin
current, VC2 pin current, VC3 pin current, VC4 pin current, CTLC pin current "H", CTLC pin
current "L", CTLD pin current "H", CTLD pin current "L", SEL pin current "H", SEL pin current
"L", COP pin source current, COP pin leakage current, DOP pin source current, DOP pin sink
current
(Test circuit 4)
Set VCTLC = VCTLD = VVMP = VSEL = VDD, VVINI = VSS, V1 = V2 = V3 = V4 = 3.5 V, set other pins open. (This status is
referred to as initial status.)
5. 1 Resistance between VMP pin and VDD pin (RVMD)
The value of resistance between VMP pin and VDD pin (RVMD) can be defined by RVMD = VDS / IVMD by using the
VMP pin's current (IVMD) when VVINI = 1.5 V and VVMP = VSS after the initial status.
5. 2 Resistance between VMP pin and VSS pin (RVMS)
The value of resistance between VMP pin and VSS pin (RVMS) can be defined by RVMS = VDS / IVMS by using the
VMP pin's current (IVMS) when V1 = V2 = V3 = V4 = 1.8 V after the initial status.
5. 3 VC1 pin current (IVC1), VC2 pin current (IVC2), VC3 pin current (IVC3), VC4 pin current (IVC4)
In the initial status, each current flows in the VC1 pin, VC2 pin, VC3 pin, VC4 pin is the VC1 pin current (IVC1), the
VC2 pin current (IVC2), the VC3 pin current (IVC3), the VC4 pin current (IVC4), respectively.
5. 4 CTLC pin current "H" (ICTLCH), CTLC pin current "L" (ICTLCL)
In the initial status, a current which flows in the CTLC pin is the CTLC pin current "H" (ICTLCH). After that,
decreasing a voltage at the CTLC pin gradually, the maximum current which flows in the CTLC pin is; the CTLC
pin current "L" (ICTLCL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com