Electronic Components Datasheet Search
  English  ▼

X  

S8205A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8205A
Description  FOR 4-SERIES OR 5-SERIES CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8205A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8205A Datasheet HTML 7Page - Seiko Instruments Inc S8205A Datasheet HTML 8Page - Seiko Instruments Inc S8205A Datasheet HTML 9Page - Seiko Instruments Inc S8205A Datasheet HTML 10Page - Seiko Instruments Inc S8205A Datasheet HTML 11Page - Seiko Instruments Inc S8205A Datasheet HTML 12Page - Seiko Instruments Inc S8205A Datasheet HTML 13Page - Seiko Instruments Inc S8205A Datasheet HTML 14Page - Seiko Instruments Inc S8205A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
BATTERY PROTECTION IC FOR 4-SERIES OR 5-SERIES CELL PACK
Rev.1.6_01
S-8205A/B Series
Seiko Instruments Inc.
11
2. 8 Load Short Circuit Detection Delay Time (tSHORT)
Load short circuit detection delay time (tSHORT) is a period in which VDO changes to "L" after changing V6 to 1.5 V
instantaneously, after setting S3 to ON from the initial status 1.
2. 9 CTLC Pin Response Time (tCTLC)
CTLC pin response time (tCTLC) is a period in which VCO changes to "L" after changing V7 = VDS instantaneously
from the initial status 1.
2. 10 CTLD Pin Response Time (tCTLD)
CTLD pin response time (tCTLD) is a period in which VDO changes to "L" after changing V8 = VDS instantaneously
from the initial status 1.
3. CCT Pin Internal Resistance, CDT Pin Internal Resistance, CIT Pin Internal Resistance, CCT Pin
Detection Voltage, CDT Pin Detection Voltage, CIT Pin Detection Voltage (Test Circuit 3)
Confirm both VCO and VDO are in "H" after setting V1 = V2 = V3 = V4 = 3.5 V (S-8205A Series), V1 = V2 = V3 = V4 =
V5 = 3.5 V (S-8205B Series), V6 = V9 = V10 = V11 = 0 V (this status is referred to as initial status 2).
3. 1 CCT Pin Internal Resistance (RCCT)
The CCT pin internal resistance (RCCT) can be defined by RCCT = VDS / ICCT by using ICCT when setting V1 = 4.5 V
from the initial status 2.
3. 2 CDT Pin Internal Resistance (RCDT)
The CDT pin internal resistance (RCDT) can be defined by RCDT = VDS / ICDT by using ICDT when setting V1 = 1.5 V
from the initial status 2.
3. 3 CIT Pin Internal Resistance (RCIT)
The CIT pin internal resistance (RCIT) can be defined by RCIT = VDS / ICIT by using ICIT when setting V6 = VDIOV
+
0.015 V from the initial status 2.
3. 4 CCT Pin Detection Voltage (VCCT)
The CCT pin detection voltage (VCCT) is V9 when VCO is set to "L" after increasing V9 gradually, after setting V1 =
4.5 V from the initial status 2.
3. 5 CDT Pin Detection Voltage (VCDT)
The CDT pin detection voltage (VCDT) is V10 when VDO is set to "L" after increasing V10 gradually, after setting V1
= 1.5 V from the initial status 2.
3. 6 CIT Pin Detection Voltage (VCIT)
The CIT pin detection voltage (VCIT) is V11 when VDO is set to "L" after increasing V11 gradually, after setting V6 =
VDIOV
+ 0.015 V from the initial status 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com