| Electronic Components Datasheet Search |
|
S8209A Datasheet(PDF) 13 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S8209A Datasheet(HTML) 13 Page - Seiko Instruments Inc |
|
13 / 22 page ![]() CMOS IC Application Note Rev.1.5_00 S-8209A Series Usage Guidelines Seiko Instruments Inc. 13 2. 2 Operation Following is about the operation of protection circuit with S-8209A for series multi-cell shown in Figure 6. Setting bipolar transistors (QCTLD1, QCTLD2) to the circuit in Figure 6 allows adding the function to transmit the overdischarge status from the top (S-8209A (1)) to the bottom (S-8209A (3)). By this, even if any IC among the S-8209A (1) to (3) first goes in the overdischarge status, it is possible to turn on all other cell-balance control FETs (CBFET) of the S-8209A Series. Thus cell-balance is certainly adjusted. Following is about the operation in the status to inhibit discharge, when the S-8209A (2) detects overdischarge, and the S-8209A (1), (3) are in the normal status. 1. The S-8209A (2) goes in the overdischarge status when BAT2 decreases to VDL or less by discharging. The DO2 pin is set in high impedance. 2. The S-8209A (1) also goes in the overdischarge status via the DO2 pin to the CTLD1 pin. 3. The S-8209A (1) turns on the cell-balance control FET (CBFET1) by the discharge cell-balance function. 4. The S-8209A (1) in the overdischarge status turns off DFET via a transistor (QDO, N1, N2) and inhibits discharging to a load connected between P + and P−. 5. The P − pin is pulled up by a load connected between P+ and P−. 6. QCTLD1, QCTLD2 are turned off and the CTLD3 pin of the S-8209A (3) is set in high impedance. 7. The S-8209A (3) also goes in the overdischarge status. The cell-balance control FET (CBFET3) turns on by the discharge cell-balance function. As mentioned above, even in case that the S-8209A (2) first detects overdischarge by voltage drop in BAT2, the overdischarge status is transmitted from the S-8209A (1) to S-8209A (3) via QCTLD1, QCTLD2. As a result all (1) to (3) of the S-8209A go in the overdischarge status so that cell-balance is adjusted by the discharge cell-balance function, when each BAT is more than VDL. The cell-balance FET which corresponds to each battery turns off by the voltages of BAT1 to 3 that decreased to VDL or less. And QCTLD1, QCTLD2 are turned on by connecting a charger between P + and P− after inhibit discharging, and the CTLD3 pin is pulled down to the level of VSS3 pin. In this case, the cell-balance control FET (CBFET3) turns off although the voltage of BAT3 does not reach VDL or less. Caution If a battery having the voltage VBL or more, or a battery having the voltage overdischarge release voltage (VDU) or less is not included among batteries when composing a protection circuit shown in Figure 6, the cell-balance control FET may turn on immediately after connecting the battery. To turn off the cell-balance control FET, connect a charger between P + and P−. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |