Electronic Components Datasheet Search
  English  ▼

X  

S8209B Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8209B
Description  A protection circuit with series multi-cell 2 cells or more
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8209B Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8209B Datasheet HTML 7Page - Seiko Instruments Inc S8209B Datasheet HTML 8Page - Seiko Instruments Inc S8209B Datasheet HTML 9Page - Seiko Instruments Inc S8209B Datasheet HTML 10Page - Seiko Instruments Inc S8209B Datasheet HTML 11Page - Seiko Instruments Inc S8209B Datasheet HTML 12Page - Seiko Instruments Inc S8209B Datasheet HTML 13Page - Seiko Instruments Inc S8209B Datasheet HTML 14Page - Seiko Instruments Inc S8209B Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CMOS IC Application Note
Rev.1.5_00
S-8209B Series Usage Guidelines
Seiko Instruments Inc.
11
1. 4. 2 Low ratio of bypass current to charge current
When the ratio of bypass current to charge current is low, repeating cell-balance cycle enables to adjust
cell-balance.
Charger: a constant current charger (0.1 C = 290 mA)
S-8209BAA charge cell-balance, 0.1 C constant current charger
4.2
4.1
4.0
3.9
3.8
0
120
180
240
300
360
420
480
Charger connection
Time [min.]
BAT3
BAT2
BAT1
VCU
VBU
VBL = VCL
60
Figure 5
Test conditions
Test circuit: Figure 1
IC: S-8209BAA (VCU = 4.100 V, VCL = 4.000 V, VBU = 4.050 V, VBL = 4.000 V, VDL = 2.500 V, VDU = 2.700 V)
Battery: 3-series cell lithium ion rechargeable battery, Nominal capacitance: 2.9 Ah, Size: 18650
RPASS: 51
Ω (1 W) → bypass current = 4.1 V / 51 Ω = 80 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com