Electronic Components Datasheet Search
  English  ▼

X  

MAX5922AEUI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5922AEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922AEUI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5922AEUI Datasheet HTML 1Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 2Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 3Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 4Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 5Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922AEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 48V, VDIG = 3.3V, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω ±1%, UVLO = open, EN = VDIG, RRCL = 150Ω ±1%, RRDT
= 18.2k
Ω ±1%, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PD DETECTION (See Figure 3, PD Detection Section)
Detection Probe Voltage Phase I
VPBI
RPD = 19k
Ω to 26.5kΩ
3.6
4
4.4
V
Detection Probe Voltage Phase II
VPBII
RPD = 19k
Ω to 26.5kΩ
7.2
8
8.8
V
Detection Short-Circuit Current
ISC_DET
OUT shorted to AGND
0.68
1.50
mA
Valid PD Detected Lower-Limit
Threshold
RPDL
(Note 9)
15
19
k
Ω
Valid PD Detected Upper-Limit
Threshold
RPDH
(Note 9)
26.5
33.0
k
Ω
Total Detection Time
tdet
170
196
ms
Reject Capacitance During
Detection
CPDH
RPD = 19k
Ω to 26.5kΩ
6µF
Allowable Capacitance During
Detection
CPDL
RPD = 19k
Ω to 26.5kΩ
0.6
µF
PD CLASSIFICATION (See PD Classification Mode Section)
IOUT = 0.5mA to 45mA
15
20
Classification Probe Voltage
VCLASS
No load
28
V
Classification Short-Circuit
Current
ISC_CLASS Shorted to AGND
48
65
mA
Classification Time Duration
tCLASS
From detection completion
15
21.3
26
ms
Total Detection and Classification
Delay Time
tTOT
From channel-enabled to power delivered
at the OUT pin
191
230
ms
Class 0 to Class 1 Threshold
ICLASS_1L
5.5
6.5
7.5
mA
Class 1 to Class 2 Threshold
ICLASS_1-2
13
14.5
16
mA
Class 2 to Class 3 Threshold
ICLASS_2-3
21
23
25
mA
Class 3 to Class 4 Threshold
ICLASS_3-4
31
33
35
mA
Default To Class 0 High-Current
Lower-Limit Threshold
ICLASS_4-0
43
46.5
mA
Collision Detection Delay Time
(MAX5922A/MAX5922C Only)
tDCA
DCA = high, RPD = 15k
Ω
2.38
2.8
3.22
s
Note 1: All specifications are 100% production tested at TA = +25°C, unless otherwise noted. All temperature limits are guaranteed by
design.
Note 2: This is the time from an output overcurrent or short-circuit condition until the output goes into regulated current limit.
Note 3: OUT voltage above which the output current limit is at its full value (see Figure 8).
Note 4: To be consistent with the IEEE 802.3af standard, choose RSENSE = 0.5
Ω ±1%.
Note 5: This is the time the part stays in current-limit mode during overload condition. After tOC elapses (or when the junction temperature
hits +150
°C) the part shuts down.
Note 6: See the Typical Operating Characteristics and Figure 6.
Note 7: This is the delay from IOUT falling below the zero-current threshold until ZC goes low and the IC shuts down (see the Zero-Current
Detection section).
Note 8: See the Fault Management section.
Note 9: PD is detected by the procedures specified by the IEEE 802.3af standard. A probe voltage VPBI (+4V typically) is forced at OUT
and the current IS1 is measured after tDET/2. A second probe voltage VPBII (+8V typically) is then forced and IS2 measured after
tDET / 2 again. The voltage increment is then divided by the difference of the two currents (IS2 - IS1). This is the PD resistance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com