Electronic Components Datasheet Search
  English  ▼

X  

S8225B Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8225B
Description  BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8225B Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8225B Datasheet HTML 7Page - Seiko Instruments Inc S8225B Datasheet HTML 8Page - Seiko Instruments Inc S8225B Datasheet HTML 9Page - Seiko Instruments Inc S8225B Datasheet HTML 10Page - Seiko Instruments Inc S8225B Datasheet HTML 11Page - Seiko Instruments Inc S8225B Datasheet HTML 12Page - Seiko Instruments Inc S8225B Datasheet HTML 13Page - Seiko Instruments Inc S8225B Datasheet HTML 14Page - Seiko Instruments Inc S8225B Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8225B Series
Seiko Instruments Inc.
11
Operation
Remark
Refer to " Connection Examples of Battery Monitoring IC".
1. Normal status
When all battery voltages are in the range from overcharge detection voltage (VCUn) to overdischarge detection
voltage (VDLn), and the CTLC pin input voltage (VCTLC) and the CTLD pin input voltage (VCTLD) are higher than the
CTLC pin voltage "H" (VCTLCH) and the CTLD pin voltage "H" (VCTLDH), respectively, the S-8225B Series defines the
CO pin output voltage (VCO) and the DO pin output voltage (VDO) as "L" (output logic active "H") or "H" (output logic
active "L"). This is called normal status.
VCO is defined as the CO pin voltage "H" (VCOH) when it is "H". Similarly, VDO is defined as the DO pin voltage "H"
(VDOH) when it is "H".
2. Overcharge status
When any one of the battery voltages becomes VCUn or higher, the CO pin output inverts and the S-8225B Series
becomes detection status. This is called overcharge status.
When all battery voltages become overcharge release voltage (VCLn) or lower, the overcharge status is released and
the S-8225B Series returns to normal status.
3. Overdischarge status
When any one of the battery voltages becomes VDLn or lower, the DO pin output inverts and the S-8225B Series
becomes detection status. This is called overdischarge status.
When all battery voltages become overdischarge release voltage (VDUn) or higher, the overdischarge status is
released and the S-8225B Series returns to normal status.
4. CTLC pin and CTLD pin
The S-8225B Series has two pins to control.
The CTLC pin controls the output voltage from the CO pin; the CTLD pin controls the output voltage from the DO pin.
Thus it is possible for users to control the output voltages from the CO pin and DO pin, respectively. These controls
precede the battery protection circuit.
Table 6 Status Set by CTLC Pin
CTLC Pin
CO Pin
"H"
*1
Normal status
*3
"L"
*2
Detection status
*1.
"H": CTLC
≥ VCTLCH
*2.
"L": CTLC
≤ VCTLCL
*3.
The status is controlled by the voltage detection circuit.
Table 7 Status Set by CTLD Pin
CTLD Pin
DO Pin
"H"
*1
Normal status
*3
"L"
*2
Detection status
*1.
"H": CTLD
≥ VCTLDH
*2.
"L": CTLD
≤ VCTLDL
*3.
The status is controlled by the voltage detection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com