Electronic Components Datasheet Search
  English  ▼

X  

MAX6006B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6006B
Description  1關A SOT23 Precision Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6006B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6006B Datasheet HTML 1Page - Maxim Integrated Products MAX6006B Datasheet HTML 2Page - Maxim Integrated Products MAX6006B Datasheet HTML 3Page - Maxim Integrated Products MAX6006B Datasheet HTML 4Page - Maxim Integrated Products MAX6006B Datasheet HTML 5Page - Maxim Integrated Products MAX6006B Datasheet HTML 6Page - Maxim Integrated Products MAX6006B Datasheet HTML 7Page - Maxim Integrated Products MAX6006B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1µA SOT23 Precision Shunt
Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6006
(TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Operating Current (OUT to GND) ......................................20mA
Forward Current (GND to OUT) ..........................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (derate 4mW/°C above +70°C) ..............320mW
8-Pin SO (derate 5.48mW/°C above +70°C)...............471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6006A (0.2%)
1.2475
1.2500
1.2525
Reverse Breakdown Voltage
VR
TA = +25
°C,
IR = 1.2µA
MAX6006B (0.5%)
1.2438
1.2500
1.2563
V
Minimum Operating Current
IRMIN
VR change <0.2% from VR at IR = 1.2µA
0.5
1.0
µA
IR = 1.2µA to 200µA
1.0
Reverse Breakdown Change
with Current
IR = 200µA to 2mA
2.0
mV
Reverse Dynamic Impedance
IR = 1.2µA to 2mA (Note 2)
1.5
Ω
Low-Frequency Noise
IR = 1.2µA, f = 0.1Hz to 10Hz
30
µVp-p
MAX6006A
30
Temperature Coefficient
(Note 3)
TC
IR = 1.2µA
MAX6006B
75
ppm/
°C
Long-Term Drift
1000h at TA = +25
°C
150
ppm
Thermal Hysteresis (Note 4)
200
ppm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com