Electronic Components Datasheet Search
  English  ▼

X  

MAX6033 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6033
Description  Ultra-High-Precision SOT23 Series Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6033 Datasheet HTML 1Page - Maxim Integrated Products MAX6033 Datasheet HTML 2Page - Maxim Integrated Products MAX6033 Datasheet HTML 3Page - Maxim Integrated Products MAX6033 Datasheet HTML 4Page - Maxim Integrated Products MAX6033 Datasheet HTML 5Page - Maxim Integrated Products MAX6033 Datasheet HTML 6Page - Maxim Integrated Products MAX6033 Datasheet HTML 7Page - Maxim Integrated Products MAX6033 Datasheet HTML 8Page - Maxim Integrated Products MAX6033 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ultra-High-Precision SOT23 Series
Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—VOUT = 2.500V
(VIN = 5V, COUT = 0.1µF, IOUT = 0, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +13V
OUTF, OUTS to GND................................................-0.3V to +6V
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6033A
2.4990
2.5000
2.5010
MAX6033B
2.4950
2.5000
2.5050
Output Voltage
VOUT
TA = +25°C
MAX6033C
2.4975
2.5000
2.5025
V
MAX6033A
-0.04
+0.04
MAX6033B
-0.2
+0.2
Output-Voltage Accuracy
TA = +25°C
MAX6033C
-0.1
+0.1
%
TA = -40
oC to +85oC
1.5
7
MAX6033A
TA = -40
oC to +125oC
2.5
10
TA = -40
oC to +85oC
310
MAX6033B
TA = -40
oC to +125oC
715
TA = -40
oC to +85oC
620
Output Voltage Temperature
Coefficient
TCVOUT
MAX6033C
TA = -40
oC to +125oC
10
40
ppm/°C
Input Voltage Range
VIN
Inferred from line regulation specification
2.7
12.6
V
TA = +25°C
325
Line Regulation
∆VOUT/
∆VIN
2.7V
≤ VIN ≤ 12.6V
TA = -40°C to +125°C
50
µV/V
TA = +25°C
0.001
0.05
Load Regulation
∆VOUT/
∆IOUT
-100µA
≤ IOUT ≤
15mA
TA = -40°C to +125°C
0.1
mV/mA
VOUT = 0.1%, IOUT = 1mA
0.02
0.2
TA = -40
oC to +85oC
0.3
0.4
Dropout Voltage (Note 2)
VDO
VOUT = 0.1%,
IOUT = 10mA
TA = -40
oC to +125oC
0.5
V
TA = +25
oC
40
60
TA = -40
oC to +85oC
75
Quiescent Supply Current
IIN
TA = -40
oC to +125oC
85
µA
VOUT = 0
90
Output Short-Circuit Current
ISC
VOUT = VIN
-2
mA
0.1Hz
≤ f ≤ 10Hz
16
µVP-P
Output-Voltage Noise
en
10Hz
≤ f ≤ 1kHz
12
µVRMS
Turn-On Settling Time
tON
VOUT settles to ±0.01% of final value
500
µs
Temperature Hysteresis
(Note 3)
150
ppm
Long-Term Stability
∆t = 1000hr
40
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com