Electronic Components Datasheet Search
  English  ▼

X  

MAX606 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX606
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX606 Datasheet HTML 3Page - Maxim Integrated Products MAX606 Datasheet HTML 4Page - Maxim Integrated Products MAX606 Datasheet HTML 5Page - Maxim Integrated Products MAX606 Datasheet HTML 6Page - Maxim Integrated Products MAX606 Datasheet HTML 7Page - Maxim Integrated Products MAX606 Datasheet HTML 8Page - Maxim Integrated Products MAX606 Datasheet HTML 9Page - Maxim Integrated Products MAX606 Datasheet HTML 10Page - Maxim Integrated Products MAX606 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
_______________________________________________________________________________________
7
Pin Description
Standard Application Circuits
This data sheet provides two predesigned standard
application circuits. The circuit of Figure 1 produces 12V
at 120mA from a 5V input. Table 1 lists component val-
ues and part numbers for both the MAX606 and MAX607
variations of this circuit. The circuit of Figure 2 produces
5V at a typical output current of 180mA from a 3.3V
input. Each application circuit is designed to deliver the
full rated output load current over the temperature range
listed. Component values and part numbers for this cir-
cuit are listed in Table 2. See Table 3 for component
suppliers’ phone and fax numbers.
C1
C2
C3
D1
C4
MAX606
MAX607
LX
OUT
SHDN
SS
FB
GND
PGND
IN
ON/OFF
OUTPUT
12V @ 120mA
+5V
INPUT
L1
C1
D1
L1
C2
C3
C4
MAX606
MAX607
LX
OUT
SHDN
SS
GND
PGND
IN
FB
ON/OFF
OUTPUT
5V @ 180mA
+3.3V
INPUT
Figure 1. 12V Standard Application Circuit
Figure 2. 5V Standard Application Circuit
NAME
FUNCTION
1
PGND
Power Ground. Source of n-channel power MOSFET.
2
FB
Feedback Input. Connect to IN for 5V output, to GND for 12V output, or to a resistive voltage divider between
OUT and GND for an adjustable output between IN and 12.5V.
PIN
3
SHDN
Shutdown Input, Active Low. Connect to GND to power down or to IN for normal operation. Output power FET
is held off when SHDN is low.
4
IN
Supply Voltage Input: 3.0V to 5.5V
8
LX
Drain of n-channel power MOSFET
7
OUT
Output. Always connect directly to the circuit output.
6
SS
Soft-Start Input
5
GND
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com