Electronic Components Datasheet Search
  English  ▼

X  

L3060 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L3060
Description  CMOS IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3060 Datasheet(HTML) 1 Page - Unisonic Technologies

  L3060 Datasheet HTML 1Page - Unisonic Technologies L3060 Datasheet HTML 2Page - Unisonic Technologies L3060 Datasheet HTML 3Page - Unisonic Technologies L3060 Datasheet HTML 4Page - Unisonic Technologies L3060 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L3060
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-037.a
30V/500mA HIGH DIMMING
RATIO LED CONSTANT
CURRENT DRIVER
DESCRIPTION
The UTC L3060 is a continuous conduction mode inductive
step-down converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than the
total LEDs chain voltage. The device provides an externally
adjustable output current of up to 500mA for a single LED. A
dedicated DIM pin accepts either a DC voltage (0.5V~2.5V)
dimming or a wide range of pulsed dimming. Applying a voltage of
0.3V or lower to the DIM pin turns the output off and switches the
device into a low current standby state.
The UTC L3060 has a build-in power switch, based on different
input voltage, UTC L3060 can drive several 1W or 2W LEDs.
FEATURES
* 5V~30V input voltage range
* Simple low parts count
* Typical ±3% output current accuracy
* Up to 500mA output current
* Single DIM pin on/off and brightness control using DC voltage or
PWM signal
* High efficiency up to 97%
* Adjustable constant LED current
* Protection features:
LED open-circuit protection
LED short-circuit protection
Internal thermal shutdown protection.
ORDERING INFORMATION
Ordering Number
Package
Packing
L3060G-AF5-R
SOT-25
Tape Reel
(1) R: Tape Reel
(2) AF5: SOT-25
(3) G: Halogen Free and Lead Free
L3060G-AF5-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - L3060

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L3060 UTC-L3060 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
L3060G-AF5-R UTC-L3060G-AF5-R Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
L3060L-AF5-R UTC-L3060L-AF5-R Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
More results

Similar Description - L3060

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com