Electronic Components Datasheet Search
  English  ▼

X  

U8021G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U8021G-S14-R
Description  VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8021G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U8021G-S14-R Datasheet HTML 1Page - Unisonic Technologies U8021G-S14-R Datasheet HTML 2Page - Unisonic Technologies U8021G-S14-R Datasheet HTML 3Page - Unisonic Technologies U8021G-S14-R Datasheet HTML 4Page - Unisonic Technologies U8021G-S14-R Datasheet HTML 5Page - Unisonic Technologies U8021G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U8021
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A13.a
VOLTAGE MODE PWM
CONTROLLER WITH LINEAR
POWER REGULATOR
DESCRIPTION
The UTC U8021 provides the control and protection features
necessary for a synchronous buck converter and a linear
regulator in high performance graphic card applications.
The UTC U8021 is designed to directly drive the high and low
MOSFETs of the buck converter. It allows the converter to
operate with 4V~25V power rail and as low as 0.5V output. The
UTC U8021 is capable to drive a N-type MOSFET in a linear
regulator with as low as 0.5V output.
The UTC U8021 features soft-start, UVLO, and OCP. The
UTC U8021 monitors the output current by using the Rdson of the
low MOSFET in the buck converter that eliminates the need for a
current sensing resistor.
FEATURES
* 4V~25V power rails
* Internal LDO
* 1.5A gate drive current
* Adaptive non-overlapping gate drives provide shoot-through
protection for MOSFETs
* Programmable output voltages
* Internal soft start
* Under voltage lockout
* Short circuit protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U8021L-S14-T
U8021G-S14-T
SOP-14
Tube
U8021L-S14-R
U8021G-S14-R
SOP-14
Tape Reel


Similar Part No. - U8021G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U8021G-S14-R UTC-U8021G-S14-R Datasheet
189Kb / 6P
VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
More results

Similar Description - U8021G-S14-R

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
4-bit DAC, Simple PWM Power Regulator With Linear Controller
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
logo
Semtech Corporation
SC2621 SEMTECH-SC2621 Datasheet
232Kb / 10P
500kHz Voltage Mode PWM Controller With Linear Power Regulator
SC2621A SEMTECH-SC2621A Datasheet
363Kb / 14P
Voltage Mode PWM Controller With Linear Power Regulator
logo
Global Mixed-mode Techn...
G762 GMT-G762 Datasheet
309Kb / 1P
Fan Speed Controller with Linear or PWM Mode
logo
Anpec Electronics Corop...
APW8816 ANPEC-APW8816 Datasheet
565Kb / 26P
Single Buck PWM Controller With Linear Regulator
logo
Unisonic Technologies
U8021 UTC-U8021 Datasheet
189Kb / 6P
VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
logo
Global Mixed-mode Techn...
G764 GMT-G764 Datasheet
32Kb / 1P
Fan Speed Controller with Linear or PWM Mode
G761 GMT-G761 Datasheet
47Kb / 1P
Fan Speed Controller with Linear or PWM Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com