Electronic Components Datasheet Search
  English  ▼

X  

MAX629 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX629
Description  28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX629 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX629 Datasheet HTML 1Page - Maxim Integrated Products MAX629 Datasheet HTML 2Page - Maxim Integrated Products MAX629 Datasheet HTML 3Page - Maxim Integrated Products MAX629 Datasheet HTML 4Page - Maxim Integrated Products MAX629 Datasheet HTML 5Page - Maxim Integrated Products MAX629 Datasheet HTML 6Page - Maxim Integrated Products MAX629 Datasheet HTML 7Page - Maxim Integrated Products MAX629 Datasheet HTML 8Page - Maxim Integrated Products MAX629 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
28V, Low-Power, High-Voltage,
Boost or Inverting DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, CREF = 0.1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND) ..................................-0.3V to +6V
SHDN to GND...........................................................-0.3V to +6V
ISET, REF, FB, POL to GND .......................-0.3V to (VCC + 0.3V)
LX to GND ..............................................................-0.3V to +30V
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ..........................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
V
2.7
5.5
VCC Input Voltage (Note 2)
UNITS
MIN
TYP
MAX
PARAMETER
VFB = 1.3V
µA
80
120
VCC Supply Current
100mV hysteresis
V
2.3
2.5
2.65
VCC Undervoltage Lockout
SHDN = GND
µA
0.04
1
VCC Shutdown Current
A
0.39
0.45
0.51
Circuit of Figure 2
VLX = 28V, TA = +85°C
µA
0.05
2.5
LX Leakage Current
POL = GND
µs
0.7
1.0
1.3
Minimum LX Off-Time
µs
6.5
8.5
10.0
Maximum LX On-Time
0.20
0.25
0.33
LX Switch-Current Limit
V
28
Positive Output Voltage
POL = GND, VFB < 1V
3.0
4.5
6.0
POL = VCC
2.0
3.2
3.8
POL = GND
(positive output)
V
1.218
1.282
1.225
1.250
1.275
nA
5
50
FB Input Bias Current
1.225
1.250
1.275
VCC = 5V
Ω
0.6
1.2
VCC = 3.3V
0.7
1.4
LX On-Resistance
TA = 0°C to +85°C
TA = -40°C to +85°C
TA = 0°C to +85°C
TA = -40°C to +85°C
POL = VCC
(negative output)
mV
-25
25
FB Set Point
-15
0
15
VCC = 2.7V to 5.5V,
no load on REF
V
1.218
1.282
REF Output Voltage
TA = 0°C to +85°C
TA = -40°C to +85°C
VIH
V
2.4
SHDN, POL, ISET Logic Levels
VIL
0.4
Voltage applied to L1 (VIN)
V
0.8
VOUT
Input Supply Voltage (Note 2)
Circuit of Figure 3
V
-
VIN
-28
Negative Output Voltage
ISET = VCC
ISET = GND
POL = VCC, VFB > 0.25V
3.0
4.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com