Electronic Components Datasheet Search
  English  ▼

X  

MAX6067 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6067
Description  Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6067 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6067 Datasheet HTML 8Page - Maxim Integrated Products MAX6067 Datasheet HTML 9Page - Maxim Integrated Products MAX6067 Datasheet HTML 10Page - Maxim Integrated Products MAX6067 Datasheet HTML 11Page - Maxim Integrated Products MAX6067 Datasheet HTML 12Page - Maxim Integrated Products MAX6067 Datasheet HTML 13Page - Maxim Integrated Products MAX6067 Datasheet HTML 14Page - Maxim Integrated Products MAX6067 Datasheet HTML 15Page - Maxim Integrated Products MAX6067 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Precision, Micropower, Low-Dropout,
High-Output-Current, SOT23 Voltage References
______________________________________________________________________________________
13
Typical Operating Characteristics (continued)
(VIN = +5V for MAX6061–MAX6068, VIN = +5.5V for MAX6065, IOUT = 0, TA = +25°C, unless otherwise noted.) (Note 5)
IOUT
5mA/div
VOUT
AC-COUPLED
100mV/div
400
µs/div
MAX6061
LOAD TRANSIENT
(VIN = 5.0V, CL = 0, IOUT =
±2mA)
+2mA
-2mA
MAX6061/68 toc25
IOUT
5mA/div
VOUT
AC-COUPLED
50mV/div
400
µs/div
MAX6065
LOAD TRANSIENT
(CL = 0, IOUT =
±2mA, VIN = 5.5V)
+2mA
-2mA
MAX6061/68 toc26
IOUT
5mA/div
VOUT
AC-COUPLED
50mV/div
400
µs/div
MAX6061
LOAD TRANSIENT
(VIN = 5.0V, CL = 1
µF, IOUT = ±2mA)
+2mA
-2mA
MAX6061/68 toc27
IOUT
5mA/div
VOUT
AC-COUPLED
20mV/div
400
µs/div
MAX6065
LOAD TRANSIENT
(CL = 1
µF, IOUT = ±2mA, VIN = 5.5V)
+2mA
-2mA
MAX6061/68 toc28
IOUT
5mA/div
VOUT
AC-COUPLED
200mV/div
400
µs/div
MAX6061
LOAD TRANSIENT
(VIN = 5.0V, CL = 0, IOUT =
±4mA)
+4mA
-4mA
MAX6061/68 toc29
IOUT
5mA/div
VOUT
AC-COUPLED
100mV/div
400
µs/div
MAX6065
LOAD TRANSIENT
(IOUT =
±5mA, CL = 0, VIN = 5.5V)
+5mA
-5mA
MAX6061/68 toc30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com