Electronic Components Datasheet Search
  English  ▼

X  

P2172 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P2172
Description  100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2172 Datasheet(HTML) 2 Page - Unisonic Technologies

  P2172_15 Datasheet HTML 1Page - Unisonic Technologies P2172_15 Datasheet HTML 2Page - Unisonic Technologies P2172_15 Datasheet HTML 3Page - Unisonic Technologies P2172_15 Datasheet HTML 4Page - Unisonic Technologies P2172_15 Datasheet HTML 5Page - Unisonic Technologies P2172_15 Datasheet HTML 6Page - Unisonic Technologies P2172_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2172
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R103-067.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Signal ground. Keep separate from power grounds (E1 and E2).
2
VC
Output of transconductance error amplifier.
3
FB
Error amplifier inverting input.
4
NC
Not connect
5
VIN
Input supply voltage
6
E1
Power return of first transistor (Q1). This pin must be connected to ground
7
VSW
Collector of output transistors.
8
E2
Grounding this pin sets the current limit point to the maximum value. If pin is left open, the
current limit is set to half its maximum value



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com