Electronic Components Datasheet Search
  English  ▼

X  

IRMCK171 Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCK171
Description  High Performance Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK171 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCK171 Datasheet HTML 9Page - International Rectifier IRMCK171 Datasheet HTML 10Page - International Rectifier IRMCK171 Datasheet HTML 11Page - International Rectifier IRMCK171 Datasheet HTML 12Page - International Rectifier IRMCK171 Datasheet HTML 13Page - International Rectifier IRMCK171 Datasheet HTML 14Page - International Rectifier IRMCK171 Datasheet HTML 15Page - International Rectifier IRMCK171 Datasheet HTML 16Page - International Rectifier IRMCK171 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
IRMCK171
13 www.irf.com
© 2014 International Rectifier Submit Datasheet Feedback May 28, 2014
5 DC Characteristics
5.1
Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Condition
VDD1
Supply Voltage
-0.3 V
-
3.6 V
Respect to VSS
VIA
Analog Input Voltage
-0.3 V
-
1.98 V
Respect to AVSS
VID
Digital Input Voltage
-0.3 V
-
6.0 V
Respect to VSS
VPP
OTP Programming
voltage
-0.3V
-
7.0V
Respect to VSS
TA
Ambient Temperature
-
40 ˚C
-
85 ˚C
TS
Storage Temperature
-
65 ˚C
-
150 ˚C
Table 1 Absolute Maximum Ratings
Caution: Stresses beyond those listed in “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and function of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications are not implied.
5.2
System Clock Frequency and Power Consumption
CAREF = 1nF, CMEXT= 100nF. VDD1=3.3V, Unless specified, Ta = 25
˚C.
Symbol
Parameter
Min
Typ
Max
Unit
SYSCLK
System Clock
32
-
128
MHz
PD
Power consumption
160
1)
200
mW
Table 2 System Clock Frequency
Note 1) The value is based on the condition of MCE clock=126MHz, 8051 clock 31.5MHz with a actual
motor running by a typical MCE application program and 8051 code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com