Electronic Components Datasheet Search
  English  ▼

X  

IRMCK371 Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCK371
Description  Sensorless Motor Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK371 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCK371 Datasheet HTML 9Page - International Rectifier IRMCK371 Datasheet HTML 10Page - International Rectifier IRMCK371 Datasheet HTML 11Page - International Rectifier IRMCK371 Datasheet HTML 12Page - International Rectifier IRMCK371 Datasheet HTML 13Page - International Rectifier IRMCK371 Datasheet HTML 14Page - International Rectifier IRMCK371 Datasheet HTML 15Page - International Rectifier IRMCK371 Datasheet HTML 16Page - International Rectifier IRMCK371 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
IRMCK371
www.irf.com
© 2007 International Rectifier
13
6 DC Characteristics
6.1
Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Condition
VDD1
Supply Voltage
-0.3 V
-
3.6 V
Respect to VSS
VDD2
Supply Voltage
-0.3 V
-
1.98 V
Respect to VSS
VIA
Analog Input Voltage
-0.3 V
-
1.98 V
Respect to AVSS
VID
Digital Input Voltage
-0.3 V
-
3.65 V
Respect to VSS
TA
Ambient Temperature
-40 ˚C
-
85 ˚C
TS
Storage Temperature
-65 ˚C
-
150 ˚C
Table 1.
Absolute Maximum Ratings
Caution:
Stresses beyond those listed in “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only and function of the device at these or any
other conditions beyond those indicated in the operational sections of the specifications are not
implied.
6.2
System Clock Frequency and Power Consumption
Symbol
Parameter
Min
Typ
Max
Unit
SYSCLK
System Clock
32
-
128
MHz
8051CLK
8051 Clock
-
-
32
MHz
Table 2.
System Clock Frequency
Figure 6.
Clock Frequency vs. Power Consumption
Power Consumption
0
20
40
60
80
100
120
140
160
180
0
20406080
100
120
140
MCE Frequency (MHz)
1.8V
3.3V
Total Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com