Electronic Components Datasheet Search
  English  ▼

X  

MAX6301EPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6301EPA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301EPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6301EPA Datasheet HTML 1Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 2Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 3Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 4Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 5Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 6Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 7Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 8Page - Maxim Integrated Products MAX6301EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC .......................................................................-0.3V to +7.0V
RESET IN, SWT, SRT ..................................-0.3V to (VCC + 0.3V)
WDI, WDS..............................................................-0.3V to +7.0V
RESET,
RESET
MAX6301 ...........................................................-0.3V to +7.0V
MAX6302/6303/6304 ..............................-0.3V to (VCC + 0.3V)
Input Current
VCC ...............................................................................±20mA
GND..............................................................................±20mA
Output Current
RESET,
RESET..............................................................±20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
Operating Temperature Ranges
MAX630_C_A ......................................................0°C to +70°C
MAX630_E_A ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX6302, VRESET = GND
MAX6302/MAX6304
MAX6301, V RESET = VCC
CSRT = 1500pF
MAX6301E/MAX6303E
Comparator overdrive = 50mV
MAX6301C/MAX6303C
VCC falling at 1mV/µs
VCC = 2V, ISOURCE = 0.4mA
VCC ≥ 4.5V, ISOURCE = 0.8mA
VCC = 2V, ISINK = 1.6mA
VCC ≥ 4.5V, ISINK = 3.2mA
No load
VRESET IN falling, VCC = 5.0V
VRESET IN rising, VCC = 5.0V
MAX6302/MAX6304, VCC = 1.31V, RL = 10kΩ
CONDITIONS
µA
±1
Reset Output Leakage Current
±1
ms
2.8
4.0
5.2
tRP
Reset Timeout Period (Note 3)
µs
26
tRI
Reset Input Pulse Width
µs
63
tRD
VCC to Reset Delay
V
0.3
VOL
Reset Output Voltage Low
(MAX6301/MAX6303/MAX6304)
0.3
0.4
0.4
V
VCC - 0.3
VOH
Reset Output Voltage High
(MAX6302/MAX6303/MAX6304)
V
1.31
5.50
VCC
1.20
5.50
1.00
5.50
Operating Voltage Range
(Note 1)
VCC - 0.4
VCC - 0.4
nA
±0.01
±1
IRESET IN
Reset Input Leakage Current
mV
20
VHYST
Reset Input Hysteresis
µA
4.0
7.0
ICC
Supply Current (Note 2)
1.195
1.220
1.245
V
1.240
1.265
VTH
Reset Input Threshold Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RESET TIMER
VCC = 1.2V, ISINK = 100µA,
TA = -40°C to +85°C
MAX6301/
MAX6303
VCC = 1V, ISINK = 50µA,
TA = 0°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com