Electronic Components Datasheet Search
  English  ▼

X  

IRS2001MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2001MPBF
Description  Floating channel designed for bootstrap operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2001MPBF_15 Datasheet HTML 1Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 2Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 3Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 4Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 5Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 6Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 7Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 8Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
* Qualification standards can be found on IR’s web site www.irf.com
© 2008 International Rectifier
May 14, 2012
IRS2001MPBF
HIGH AND LOW SIDE DRIVER
Features
•
Floating channel designed for bootstrap operation
•
Fully operational to +200V
•
Tolerant to negative transient voltage, dV/dt immune
•
Gate drive supply range from 10V to 20V
•
Undervoltage lockout
•
3.3V, 5V, and 15V logic compatible
•
Cross-conduction prevention logic
•
Matched propagation delay for both channels
•
Outputs in phase with inputs
•
Leadfree, RoHS compliant
Description
The IRS2001 is a high voltage, high speed power
MOSFET and IGBT driver with dependent high and low
side referenced output channels. Proprietary HVIC and
latch immune CMOS technologies enable ruggedized
monolithic construction. The logic input is compatible
with standard CMOS or LSTTL output, down to 3.3V
logic. The output drivers feature a high pulse current
buffer stage designed for minimum driver cross-
conduction. The floating channel can be used to drive
an N-channel power MOSFET or IGBT in the high side
configuration which operates up to 200V.
Product Summary
Topology
General Driver
VOFFSET
≤ 200V
VOUT
10V – 20V
Io+ & I o- (typical)
290mA & 600mA
ton & toff (typical)
160ns & 150ns
Delay Matching (Max.)
50ns
Package Options
MLPQ4x4 - 16 Leads
(Without 2 leads)
Typical Connection


Similar Part No. - IRS2001MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IRS2001MPBF INFINEON-IRS2001MPBF Datasheet
1Mb / 17P
HIGH AND LOW SIDE DRIVER
May 14, 2012
More results

Similar Description - IRS2001MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
Floating channel designed for bootstrap operation
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
Floating channel designed for bootstrap operation
AUIRS2003S IRF-AUIRS2003S_15 Datasheet
395Kb / 14P
Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
Floating channel designed for bootstrap operation
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
Floating channel designed for bootstrap operation
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com