Electronic Components Datasheet Search
  English  ▼

X  

MAX6325 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6325
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6325 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6325 Datasheet HTML 3Page - Maxim Integrated Products MAX6325 Datasheet HTML 4Page - Maxim Integrated Products MAX6325 Datasheet HTML 5Page - Maxim Integrated Products MAX6325 Datasheet HTML 6Page - Maxim Integrated Products MAX6325 Datasheet HTML 7Page - Maxim Integrated Products MAX6325 Datasheet HTML 8Page - Maxim Integrated Products MAX6325 Datasheet HTML 9Page - Maxim Integrated Products MAX6325 Datasheet HTML 10Page - Maxim Integrated Products MAX6325 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
_______________________________________________________________________________________
7
2
µs/div
LOAD-TRANSIENT RESPONSE (SOURCING)
B
A
A: IOUT, 10mA/div (SOURCING)
B: VOUT, 500µV/div
MAX6325-19
0mA
-10mA
2
µs/div
LOAD-TRANSIENT RESPONSE (SINKING)
B
A
0mA
10mA
A: IOUT, 10mA/div (SINKING)
B: VOUT, 500µV/div
MAX6325-20
____________________________Typical Operating Characteristics (continued)
(VIN = 10V, IOUT = 0mA, TA = +25°C, unless otherwise noted.)
1
µs/div
LOAD-TRANSIENT RESPONSE
B
A
A: IOUT (±10mA SOURCE AND SINK), 20mA/div, AC COUPLED
B: VOUT, 20mV/div, AC COUPLED
MAX6325-21
+10mA
-10mA
VIN = 10V
COUT = CNR = 0µF
1
µs/div
MAX6341
TURN-ON AND TURN-OFF TRANSIENT RESPONSE
B
A
A: VIN, 10V/div
B: VOUT, 1V/div
MAX6325-25
+10V
0V
CIN = COUT = CNR = 0µF
1
µs/div
MAX6325
TURN-ON AND TURN-OFF TRANSIENT RESPONSE
B
A
A: VIN, 10V/div
B: VOUT, 1V/div
MAX6325-26
+10V
0V
CIN = COUT = CNR = 0µF
1
µs/div
MAX6350
TURN-ON AND TURN-OFF TRANSIENT RESPONSE
B
A
A: VIN, 10V/div
B: VOUT, 1V/div
MAX6325-27
+10V
0V
CIN = COUT = CNR = 0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com