Electronic Components Datasheet Search
  English  ▼

X  

MAX6325CSA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6325CSA
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6325CSA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6325CSA Datasheet HTML 2Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 3Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 4Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 5Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 6Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 7Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 8Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 9Page - Maxim Integrated Products MAX6325CSA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
6
_______________________________________________________________________________________
MAX6341
0.1Hz to 10Hz NOISE
MAX6325-16
1sec/div
COUT = CNR = 0µF
0
5
10
15
20
25
30
35
40
45
50
10
100
1k
10k
MAX6325
OUTPUT NOISE-VOLTAGE
DENSITY vs. FREQUENCY
FREQUENCY (Hz)
CNR = 0µF
CNR = 1µF
MAX6325
0.1Hz to 10Hz NOISE
MAX6325-17
1sec/div
COUT = CNR = 0µF
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
MAX6341
OUTPUT NOISE-VOLTAGE
DENSITY vs. FREQUENCY
FREQUENCY (Hz)
CNR = 0µF
CNR = 1µF
0
10
20
30
40
50
60
70
80
100
90
10
100
1k
10k
MAX6350
OUTPUT NOISE-VOLTAGE
DENSITY vs. FREQUENCY
FREQUENCY (Hz)
CNR = 0µF
CNR = 1µF
MAX6350
0.1Hz to 10Hz NOISE
1sec/div
MAX6325-18
COUT = CNR = 0µF
10
1M
10k
FREQUENCY (Hz)
100
1k
100k
100
0.01
OUTPUT IMPEDANCE vs. FREQUENCY
0.1
1
10
ISINK = 5mA
ISOURCE = 5mA
60
70
80
90
100
110
120
10
100
1k
10k
RIPPLE REJECTION
vs. FREQUENCY (CNR = 1µF)
FREQUENCY (Hz)
MAX6341
MAX6325
MAX6350
60
65
70
75
80
85
90
95
10
100
1k
10k
RIPPLE REJECTION
vs. FREQUENCY (CNR = 0µF)
FREQUENCY (Hz)
MAX6325
MAX6341
MAX6350
____________________________Typical Operating Characteristics (continued)
(VIN = 10V, IOUT = 0mA, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com