Electronic Components Datasheet Search
  English  ▼

X  

MAX6302ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6302ESA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6302ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6302ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 9Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 10Page - Maxim Integrated Products MAX6302ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
timeout period, then momentarily pulses high, resetting
the watchdog counter. When WDI is left unconnected,
the watchdog timer is cleared by this internal driver just
before the timeout period is reached (the internal driver
pulls WDI high at about 94% of tWD). When WDI is
three-stated, the maximum allowable leakage current of
the device driving WDI is 10µA.
In normal mode (WDS = GND), the watchdog timer
cannot be disabled by three-stating WDI. WDI is a
high-impedance input in this mode. Do not leave WDI
unconnected in normal mode.
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
_______________________________________________________________________________________
7
VCC
VCC
0V
0V
WDI
RESET
NORMAL MODE (WDS = GND)
tWD
tRP
VCC
VCC
0V
0V
WDI
RESET
EXTENDED MODE (WDS = VCC)
tWD x 500
tRP
Figure 2a. Watchdog Timing Diagram, WDS = GND
Figure 2b. Watchdog Timing Diagram, WDS = VCC
0.1µF
MAX6301
MAX6302
MAX6303
MAX6304
VCC
GND
CRST =
tRP
2.67
VCC
CSWT
CSRT
CRST in pF
tWD in µs
CSWT =
tWD
2.67
CSWT in pF
tWD in µs
SRT
SWT
Figure 3. Calculating the Reset (CSRT) and Watchdog
(CSWT) Timeout Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com