Electronic Components Datasheet Search
  English  ▼

X  

MAX6330 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6330
Description  Precision Shunt Regulators with Reset in SOT23-3
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6330 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6330 Datasheet HTML 1Page - Maxim Integrated Products MAX6330 Datasheet HTML 2Page - Maxim Integrated Products MAX6330 Datasheet HTML 3Page - Maxim Integrated Products MAX6330 Datasheet HTML 4Page - Maxim Integrated Products MAX6330 Datasheet HTML 5Page - Maxim Integrated Products MAX6330 Datasheet HTML 6Page - Maxim Integrated Products MAX6330 Datasheet HTML 7Page - Maxim Integrated Products MAX6330 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Precision Shunt Regulators with Reset
in SOT23-3
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(ISHUNT = 1mA, CL = 0.1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND),
All Pins Except SHUNT....................-0.3V to (VSHUNT + 0.3V)
Input Current (ISHUNT) ........................................................60mA
Output Current (RESET/RESET)..........................................20mA
Short-Circuit Duration.................................................Continuous
Continuous Power Dissipation
SOT23-3 (derate 4mW/°C above +70°C)....................320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX633_L
TA = 0°C to +70°C
TA = -40°C to +85°C
100mV overdrive, CL = 15pF
CONDITIONS
ms
100
140
200
Reset Pulse Width
µs
20
VSHUNT to Reset Delay
3.25
3.3
3.35
4.85
5.15
V
4.93
5.0
5.07
VSHUNT Regulation Voltage
(Note 1)
ppm/°C
40
Reset Threshold Tempco
V
4.56
4.63
4.69
VTH
Reset Threshold Voltage
mA
50
ISHUNT(max)
Maximum Shunt Current
(Note 3)
µA
100
60
ISHUNT(min)
Minimum Shunt Current
(Note 2)
V
1.0
Minimum VSHUNT for which
RESET is Valid (MAX6330)
1.2
ppm/°C
40
VSHUNT Tempco
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VSHUNT
2.91
3.09
2.96
3.0
3.04
3.20
3.40
TA = -40°C to +85°C
TA = +25°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
TA = +25°C
TA = -40°C to +85°C
ISHUNT =
0.1mA to
50mA
4.50
4.75
2.97
3.15
MAX633_T
TA = +25°C
TA = -40°C to +85°C
3.01
3.06
3.11
2.70
2.86
MAX633_S
TA = +25°C
TA = -40°C to +85°C
2.74
2.78
2.82
MAX633_L
MAX633_T
MAX633_S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com