Electronic Components Datasheet Search
  English  ▼

X  

ICS93V855I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS93V855I
Description  Spread Spectrum tolerant inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS93V855I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS93V855I Datasheet HTML 1Page - Integrated Device Technology ICS93V855I Datasheet HTML 2Page - Integrated Device Technology ICS93V855I Datasheet HTML 3Page - Integrated Device Technology ICS93V855I Datasheet HTML 4Page - Integrated Device Technology ICS93V855I Datasheet HTML 5Page - Integrated Device Technology ICS93V855I Datasheet HTML 6Page - Integrated Device Technology ICS93V855I Datasheet HTML 7Page - Integrated Device Technology ICS93V855I Datasheet HTML 8Page - Integrated Device Technology ICS93V855I Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS93V855I
0783C—06/01/04
Block Diagram
DDR Phase Lock Loop Clock Driver
Recommended Application:
DDR Clock Driver
•
Low skew, low jitter PLL clock driver
•
External feedback pins for input to output
synchronization
•
Spread Spectrum tolerant inputs
•
With bypass mode mux
•
Operating frequency 60 to 170 MHz
•
Operating Temperature –45°C to +85°C
•
CYCLE - CYCLE jitter:<75ps
•
OUTPUT - OUTPUT skew: <60ps
•
Output Rise and Fall Time: 650ps - 950ps
Functionality
INPUTS
OUTPUTS
PLL State
AVDD CLK_INT CLK_INC
DDRT
DDRC FB_OUTT FB_OUTC
GND
L
H
L
H
L
H
Bypassed/Off
GND
H
LH
LH
L
Bypassed/Off
2.5V
(nom)
LH
L
H
L
H
On
2.5V
(nom)
HL
H
L
H
L
On
2.5V
(nom)
<20 MHz <20 MHz
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Off
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
AVDD2.5
Control
Logic
FB_OUTT
FB_OUTC
DDRT0
DDRT1
DDRT2
DDRT3
DDRT4
DDRC0
DDRC1
DDRC2
DDRC3
DDRC4


Similar Part No. - ICS93V855I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
More results

Similar Description - ICS93V855I

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
Maxim Integrated Produc...
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Integrated Circuit Syst...
9DBV0731 ICST-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant; allows reduction of EMI
logo
Integrated Device Techn...
9DBV0531 IDT-9DBV0531 Datasheet
151Kb / 16P
Spread Spectrum tolerant
9DBV0631 IDT-9DBV0631 Datasheet
166Kb / 17P
Spread Spectrum tolerant
9DBV0731 IDT-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
95V857 IDT-95V857 Datasheet
394Kb / 13P
Spread Spectrum-tolerant inputs
ICS95V847 IDT-ICS95V847 Datasheet
78Kb / 9P
Spread Spectrum tolerant inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com