Electronic Components Datasheet Search
  English  ▼

X  

ICS95V847 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS95V847
Description  Spread Spectrum tolerant inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS95V847 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS95V847 Datasheet HTML 1Page - Integrated Device Technology ICS95V847 Datasheet HTML 2Page - Integrated Device Technology ICS95V847 Datasheet HTML 3Page - Integrated Device Technology ICS95V847 Datasheet HTML 4Page - Integrated Device Technology ICS95V847 Datasheet HTML 5Page - Integrated Device Technology ICS95V847 Datasheet HTML 6Page - Integrated Device Technology ICS95V847 Datasheet HTML 7Page - Integrated Device Technology ICS95V847 Datasheet HTML 8Page - Integrated Device Technology ICS95V847 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ICS95V847
0718E—11/24/08
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies.This is due to the formula: duty cycle=twH/tc, where
the cycle (tc) decreases as the frequency goes up.
3.
Switching characteristics guaranteed for application frequency range.
4.
Static phase offset shifted by design.
Timing Requirements
TA = 0 - 85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
freqop
2.5V+0.2V @ 25
oC
45
233
MHz
Application Frequency
Range
freqApp
2.5V+0.2V @ 25
oC
95
210
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
15
µs
Switching Characteristics (see note 3)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
CLK_IN to any output
5.5
ns
High-to low level propagation
delay time
tPLL
1
CLK_IN to any output
5.5
ns
Output enable time
tEN
PD# to any output
5
ns
Output disable time
tdis
PD# to any output
5
ns
Period jitter
Tjit (per)
100MHz to 200MHz
-30
30
ps
Half-period jitter
t(jit_hper)
100MHz to 200MHz
-75
30
ps
Input clock slew rate
tsl(i)
14
V/ns
Output clock slew rate
tsl(o)
12.5
V/ns
Cycle to Cycle Jitter
1
Tcyc-Tcyc
100MHz to 200MHz
60
ps
Phase error
t(phase error)
4
-50
0
50
ps
Output to Output Skew
Tskew
60
ps



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com