Electronic Components Datasheet Search
  English  ▼

X  

MAX6329SP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6329SP
Description  150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6329SP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6329SP Datasheet HTML 2Page - Maxim Integrated Products MAX6329SP Datasheet HTML 3Page - Maxim Integrated Products MAX6329SP Datasheet HTML 4Page - Maxim Integrated Products MAX6329SP Datasheet HTML 5Page - Maxim Integrated Products MAX6329SP Datasheet HTML 6Page - Maxim Integrated Products MAX6329SP Datasheet HTML 7Page - Maxim Integrated Products MAX6329SP Datasheet HTML 8Page - Maxim Integrated Products MAX6329SP Datasheet HTML 9Page - Maxim Integrated Products MAX6329SP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Detailed Description
The MAX6329/MAX6349 are low-dropout, low-quies-
cent current linear regulators with integrated micro-
processor reset circuits. The devices drive loads up to
150mA and are available with preset output voltages of
+3.3V, +2.5V, or +1.8V. The internal reset circuit moni-
tors the regulator output voltage and asserts the reset
output when the regulator output is below the micro-
processor supply tolerance.
Regulator
The regulator core operates with an input voltage range
of +2.5V to +5.5V. The output voltage is offered with
three fixed voltage options (+3.3V, +2.5V, and +1.8V) for
the MAX6329 and MAX6349. Enable the fixed voltage
output
by
connecting
SET
to
ground.
The
MAX6329/MAX6349 offer an adjustable output voltage
that is implemented with an external resistor-divider net-
work connected to OUT, SET, and GND (Figure 1). SET
must be connected to either GND or the external divider.
The MAX6329/MAX6349 automatically determine the
feedback path depending on the voltage seen at SET.
Featured characteristics include ultra-low quiescent cur-
rent and low dropout voltage. The Typical Operating
Circuit shows a typical connection for the MAX6329.
OUT is an internally regulated low dropout (LDO) linear
regulator that powers a microprocessor.
Reset Circuit
The reset supervisor circuit is fully integrated in the
MAX6329/MAX6349 and uses the same reference volt-
age as the regulator. Two supply tolerance reset thresh-
olds, -5% and -10%, are provided for each type of
device:
150mA, SOT23, Low Dropout Linear Regulators
with Internal Microprocessor Reset Circuit
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
DESCRIPTION
1
IN
Regulator Input. Supply voltage can range from +2.5V to +5.5V.
2
GND
Ground. This pin also functions as a heatsink. Solder to large pads or the circuit board ground plane to
maximize thermal dissipation.
SHDN
(MAX6329 Only) Active-Low Shutdown Input. A logic low reduces the supply current to < 1µA. Connect
3
MR
(MAX6349 Only) Active-Low Manual Reset Input. A logic low forces a reset. Reset remains asserted for
the duration of the reset timeout period after MR transitions from low to high. Leave unconnected or
connect to VOUT if not used. MR has an internal pullup resistor of 20k
Ω (typ) to OUT.
RESET
Active-Low Reset Output. RESET remains low while VOUT is below the reset threshold or while MR is
held low. RESET remains low for the duration of the reset timeout period after the reset conditions are
terminated.
4
RESET
Active-High Reset Output. RESET remains high while VOUT is below the reset threshold or while MR is
held low. RESET remains high for the duration of the reset timeout period after the reset conditions are
terminated.
5
SET
Feedback Input for Setting the Output Voltage. Connect to GND to set the output voltage to the preset
fixed value (+3.3V, +2.5V, or +1.8V). Connect to an external resistor-divider network for adjustable
output operation.
6
OUT
Regulator Output. Fixed (+3.3V, +2.5V, or +1.8V) or adjustable (+1.23V to +5.0V). Sources up to
150mA. Bypass with a 1µF minimum capacitor for full rated performance.
MAX6329
MAX6349
2.5V TO 5.5V
IN
OUT
SET
R2
R1
GND
Figure 1. Adjustable Output Voltage Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com