Electronic Components Datasheet Search
  English  ▼

X  

MAX6190BESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6190BESA
Description  Precision, Micropower, Low-Dropout Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190BESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6190BESA Datasheet HTML 6Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 7Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 8Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 9Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 10Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 11Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 12Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 13Page - Maxim Integrated Products MAX6190BESA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
______________________________________________________________________________________
13
IN
VS
2VS
-2VS
OUT
+REF OUTPUT
OUTPUT
-REF OUTPUT
10nF
1M
Ω, 0.1%
1M
Ω, 0.1%
GND
MAX6190–
MAX6195
MAX6198
VCC
V+
GND
MAX681
V-
V+
V-
ICL7652
Figure 1. Positive and Negative References from Single 3V or 5V Supply
Typical Operating Circuit
IN
+SUPPLY INPUT (SEE SELECTOR GUIDE ON FIRST PAGE)
OUT
REFERENCE
OUT
2.2nF MAX
*
*CAPACITORS ARE OPTIONAL
GND
MAX6190–
MAX6195
MAX6198
*
Ordering Information (continued)
Chip Information
TRANSISTOR COUNT: 70
PART
MAX6193AESA
MAX6193BESA
MAX6193CESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PIN-PACKAGE
8 SO
8 SO
8 SO
MAX6194AESA
-40°C to +85°C
8 SO
MAX6194BESA
-40°C to +85°C
8 SO
MAX6194CESA
-40°C to +85°C
8 SO
MAX6195AESA
-40°C to +85°C
8 SO
MAX6195BESA
-40°C to +85°C
8 SO
MAX6195CESA
-40°C to +85°C
8 SO
MAX6198AESA
-40°C to +85°C
8 SO
MAX6198BESA
-40°C to +85°C
8 SO
MAX6198CESA
-40°C to +85°C
8 SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com