Electronic Components Datasheet Search
  English  ▼

X  

IRS2103 Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2103
Description  HALF-BRIDGE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2103 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2103 Datasheet HTML 5Page - International Rectifier IRS2103 Datasheet HTML 6Page - International Rectifier IRS2103 Datasheet HTML 7Page - International Rectifier IRS2103 Datasheet HTML 8Page - International Rectifier IRS2103 Datasheet HTML 9Page - International Rectifier IRS2103 Datasheet HTML 10Page - International Rectifier IRS2103 Datasheet HTML 11Page - International Rectifier IRS2103 Datasheet HTML 12Page - International Rectifier IRS2103 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IRS2103(S)PbF
www.irf.com
9
0
100
200
300
400
500
0
200
400
600
800
Max.
Figure 13A. Offset Supply Current
vs. Temperature
Figure 13B. Offset Supply Current vs. Voltage
Figure 14A. VBS Supply Current
vs. Temperature
Figure 14B. VBS Supply Current vs. Voltage
Temperature (
oC)
Temperature (
oC)
VB Boost Voltage (V)
VBS Floating Supply Voltage (V)
0
30
60
90
120
150
10
12
14
16
18
20
Max.
Ty p.
0
30
60
90
120
150
-50
-25
0
25
50
75
100
125
Max.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Max.
Figure 12A. Low Level Output Voltage
vs. Temperature
Figure 12B. Low Level Output Voltage
vs. Supply Voltage
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
V
BIAS Supply V oltage (V )
Typ.
Max.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com