Electronic Components Datasheet Search
  English  ▼

X  

IRS2109 Datasheet(PDF) 21 Page - International Rectifier

Part # IRS2109
Description  HALF-BRIDGE DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2109 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRS2109 Datasheet HTML 17Page - International Rectifier IRS2109 Datasheet HTML 18Page - International Rectifier IRS2109 Datasheet HTML 19Page - International Rectifier IRS2109 Datasheet HTML 20Page - International Rectifier IRS2109 Datasheet HTML 21Page - International Rectifier IRS2109 Datasheet HTML 22Page - International Rectifier IRS2109 Datasheet HTML 23Page - International Rectifier IRS2109 Datasheet HTML 24Page - International Rectifier IRS2109 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
IRS2109/IRS21094(S)PbF
www.irf.com
21
20
40
60
80
100
120
140
1
10
100
1000
Frequency (kHz)
Figure 38. IRS2109S vs. Frequency (IRFBC20),
R
gate=33 Ω , VCC=15 V
0 V
70 V
140 V
20
40
60
80
100
120
140
1
10
100
1000
Frequency (kHz)
140 V
70 V
0 V
Figure 39. IRS2109S vs. Frequency (IRFBC30),
R
gate=22 Ω , V CC=15 V
20
40
60
80
100
120
140
1
10
100
1000
Frequency (kHz)
Figure 41. IRS2109S vs. Frequency (IRFPE50),
R
gate=10 Ω , V CC=15 V
140 V 70 V 0 V
20
40
60
80
100
120
140
1
10
100
1000
Frequency (kHz)
0 V
Figure 40. IRS2109S vs. Frequency (IRFBC40),
R
gate=15 Ω , V CC=15 V
140 V 70 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com