Electronic Components Datasheet Search
  English  ▼

X  

MAX6191CESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6191CESA
Description  Precision, Micropower, Low-Dropout Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6191CESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6191CESA Datasheet HTML 1Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 2Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 3Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 4Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 5Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 6Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 7Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 8Page - Maxim Integrated Products MAX6191CESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX6191
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
VOUT
(Note 3)
TA = +25°C
To 0.1%, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
10Hz to 10kHz
0.1Hz to 10Hz
1000hrs at +25°C
Output Voltage
Sourcing: 0
≤ IOUT ≤ 500µA
Short to IN
V
2.5V
≤ VIN ≤ 12.6V
MAX6191A
MAX6191B
Short to GND
MAX6191C
Sinking: -500µA
≤ IOUT ≤ 0
CONDITIONS
INPUT
nF
0
2.2
COUT
Capacitive-Load Stability Range
µs
30
tR
Turn-On Settling Time
dB
84
VOUT/VIN
Ripple Rejection
µVRMS
105
µVP-P
40
eOUT
Noise Voltage
DYNAMIC
ppm/
1000hrs
50
∆VOUT/
time
Long-Term Stability
ppm
75
∆VOUT/
cycle
Temperature Hysteresis
(Note 2)
mA
4
ISC
Short-Circuit Current
2.043
2.048
2.053
2.046
2.048
2.050
MAX6191B
OUTPUT
MAX6191A
µV/µA
0.12
0.55
∆VOUT/
∆IOUT
Load Regulation
µV/V
10
100
∆VOUT/
∆VIN
Line Regulation
2.038
2.048
2.058
MAX6191C
Output-Voltage Temperature
Coefficient (Note 1)
ppm/°C
410
TCVOUT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Supply Voltage Range
VIN
Guaranteed by line-regulation test
2.5
12.6
V
Quiescent Supply Current
IIN
27
35
µA
Change in Supply Current
IIN/VIN
2.5V
≤ VIN ≤ 12.6V
0.8
2
µA/V
INPUT
DYNAMIC
OUTPUT
825
0.18
0.70
4
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com