Electronic Components Datasheet Search
  English  ▼

X  

IRS2158D Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2158D
Description  Advanced Information
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158D Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2158D Datasheet HTML 4Page - International Rectifier IRS2158D Datasheet HTML 5Page - International Rectifier IRS2158D Datasheet HTML 6Page - International Rectifier IRS2158D Datasheet HTML 7Page - International Rectifier IRS2158D Datasheet HTML 8Page - International Rectifier IRS2158D Datasheet HTML 9Page - International Rectifier IRS2158D Datasheet HTML 10Page - International Rectifier IRS2158D Datasheet HTML 11Page - International Rectifier IRS2158D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
IRS2158D(S)
www.irf.com
© 2009 International Rectifier
8
Electrical Characteristics (cont’d)
VCC = VBS = VBIAS=14V +/- 0.25V, CLO = CHO = 1000pF, CT = 1000pF, RFMIN = 15kΩ,
VCPH = VVCO = 0V, VSD/EOL = 0V, VCS = 0V, TA= °C unless otherwise specified.
Ballast Control Protection Circuitry Characteristics
V
CSTH+
CS Pin Over-current Sense Threshold
1
1.2
1.4
V
n
EVENTS
CS and EOL Fault Counter No. of
Events
---
60
---
Events
MODE = PREHEAT
or RUN
V
SDTH+
SD Pin Rising Non-latched Shutdown
Threshold Voltage
4.5
5.0
5.5
V
SDTH-
SD Pin Falling Reset Threshold
Voltage
2.7
3.0
3.3
V
EOLBIAS
EOL Pin Internal Bias Voltage
1.8
2.0
2.2
V
EOLTH+
EOL Pin Rising Latched Shutdown
Threshold Voltage
2.7
3.0
3.3
MODE = RUN
V
EOLTH-
EOL Pin Falling Latched Shutdown
Threshold Voltage
0.9
1.0
1.1
MODE = RUN
VDC+
VDC Pin Enable
4.5
5.0
5.5
VDC-
VDC Pin Disable
2.7
3.0
3.4
V
ALL MODES
I
EOLSOURCE
EOL Pin OTA Output Sourcing
Current
---
10
---
MODE = PREHEAT
VEOL = 1.5V
I
EOLSINK
EOL Pin OTA Output Sinking Current
---
-10
---
μA
MODE = PREHEAT
VEOL = 2.5V
V
CPHFLT
CPH Pin Fault Mode Voltage
V
VCOFLT
VCO Pin Fault Mode Voltage
V
FMINFLT
FMIN Pin Fault Mode Voltage
---
0
---
V
MODE = FAULT
Ballast Control Oscillator Characteristics
f
RUN
Half-bridge Oscillator Run Frequency
42.5
45.5
48.5
kHz
MODE = RUN
f
PH
Half-bridge Oscillator Preheat
Frequency
63
68
73
kHz
RPH = 22.1kΩ,
MODE = PREHEAT
VCT+
Upper CT Ramp Voltage Threshold
---
5.0
---
MODE = RUN
VCT-
L CT Ramp Voltage Threshold
---
2.0
---
V
MODE = RUN
d
Oscillator duty cycle
---
50
---
%
MODE = RUN, tdLO
and tdHO removed
td
LO
LO Output Deadtime
---
1.5
---
td
HO
HO Output Deadtime
---
1.5
---
μs
V
FMIN
FMIN Pin Voltage
4.6
5.0
5.4
V
VCC = 14.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com