Electronic Components Datasheet Search
  English  ▼

X  

S8244 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8244
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8244 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8244 Datasheet HTML 2Page - Seiko Instruments Inc S8244 Datasheet HTML 3Page - Seiko Instruments Inc S8244 Datasheet HTML 4Page - Seiko Instruments Inc S8244 Datasheet HTML 5Page - Seiko Instruments Inc S8244 Datasheet HTML 6Page - Seiko Instruments Inc S8244 Datasheet HTML 7Page - Seiko Instruments Inc S8244 Datasheet HTML 8Page - Seiko Instruments Inc S8244 Datasheet HTML 9Page - Seiko Instruments Inc S8244 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8244 Series
Rev.6.4_00
Seiko Instruments Inc.
6
(3) TMSOP-8
Table 3
Product name
Overcharge detection voltage
[VCU]
Overcharge hysteresis voltage
[VCD]
Output form
S-8244AAAFM-CEAT2U
4.450
± 0.025 V
0.38
± 0.1 V
CMOS output active “H”
S-8244AABFM-CEBT2U
4.200
± 0.025 V
0 V
Nch open drain active “H”
S-8244AAFFM-CEFT2U
4.350
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAGFM-CEGT2U
4.450
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAHFM-CEHT2U
4.300
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AAIFM-CEIT2U
4.400
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAJFM-CEJT2U
4.500
± 0.025 V
0.38
± 0.1 V
CMOS output active “H”
S-8244AALFM-CELT2U
4.350
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AANFM-CENT2U
4.150
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AAPFM-CEPT2U
4.050
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AAQFM-CEQT2U
4.150
± 0.025 V
0 V
Nch open drain active “H”
S-8244AAUFM-CEUT2U
3.825
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244AAVFM-CEVT2U
4.275
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244AAXFM-CEXT2U
4.025
± 0.025 V
0.25
± 0.07 V
CMOS output active “H”
S-8244ABAFM-CFAT2U
4.220
± 0.025 V
0.045
± 0.02 V
CMOS output active “H”
S-8244ABGFM-CFGT2U
4.225
± 0.025 V
0.045
± 0.02 V
Nch open drain active “L”
S-8244ABIFM-CFIT2U
4.100
± 0.025 V
0 V
Nch open drain active “L”
S-8244ABJFM-CFJT2U
4.325
± 0.025 V
0.045
± 0.02 V
Nch open drain active “L”
S-8244ABKFM-CFKT2U
4.175
± 0.025 V
0 V
Nch open drain active “L”
S-8244ABNFM-CFNT2U
4.225
± 0.025 V
0.38
± 0.1 V
Nch open drain active “L”
Remark
Please contact our sales office for the products with the detection voltage value other than those specified above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com