Electronic Components Datasheet Search
  English  ▼

X  

CSD87501L Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87501L
Description  CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87501L Datasheet(HTML) 1 Page - Texas Instruments

  CSD87501L Datasheet HTML 1Page - Texas Instruments CSD87501L Datasheet HTML 2Page - Texas Instruments CSD87501L Datasheet HTML 3Page - Texas Instruments CSD87501L Datasheet HTML 4Page - Texas Instruments CSD87501L Datasheet HTML 5Page - Texas Instruments CSD87501L Datasheet HTML 6Page - Texas Instruments CSD87501L Datasheet HTML 7Page - Texas Instruments CSD87501L Datasheet HTML 8Page - Texas Instruments CSD87501L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
3
6
9
12
15
18
21
24
D007
TC = 25°C, I S = 7 A
TC = 125°C, I S = 7 A
Qg - Gate Charge (nC)
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
8
9
10
D004
IS = 7 A, VS1S2 = 15 V
Gate 2
Source 2
Gate 1
Source 1
S1
S1
G1
S1
S1
S2
S2
G2
S2
S2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD87501L
SLPS523A – FEBRUARY 2015 – REVISED APRIL 2015
CSD87501L 30 V Dual Common Drain N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Low On-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Small Footprint of 3.37 × 1.47 mm
VS1S2
Source-to-Source Voltage
30
V
•
Ultra-Low Profile – 0.2 mm High
Qg
Gate Charge Total (4.5 V)
15
nC
Qgd
Gate Charge Gate-to-Drain
6.0
nC
•
Pb-Free
VGS = 4.5 V
9.3
m
Ω
•
RoHS Compliant
Source-to-Source On-
RS1S2(on)
Resistance
VGS = 10 V
6.6
m
Ω
•
Halogen Free
VGS(th)
Threshold Voltage
1.8
V
•
Gate ESD Protection
.
2 Applications
Ordering Information(1)
•
Battery Management
Device
Media
Qty
Package
Ship
CSD87501L
7-Inch Reel
3000
3.37 mm X 1.47 mm
•
Battery Protection
Tape and
Land Grid Array
Reel
CSD87501LT
7-Inch Reel
250
•
USB Type-C /PD
Package
(1) For all available packages, see the orderable addendum at
3 Description
the end of the data sheet.
This 30 V, 6.6 m
Ω, 3.37 mm × 1.47 mm LGA Dual
Absolute Maximum Ratings
NexFET™ power MOSFET is designed to minimize
resistance and gate charge in a small footprint. Its
TA = 25°C
VALUE
UNIT
small size and common drain configuration make the
VS1S2
Source-to-Source Voltage
30
V
device ideal for multi-cell battery pack applications
VGS
Gate-to-Source Voltage
±20
V
and small handheld devices.
IS
Continuous Source Current(1)
14
A
ISM
Pulsed Source Current (2)
72
A
Top View
PD
Power Dissipation
2.5
W
V(ESD)
Human Body Model (HBM)
2
kV
Rating
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Typical RθJA = 50°C/W on a 1 inch
2, 2 oz. Cu pad on a 0.06
inch thick FR4 PCB.
.
(2) Typical min Cu RθJA = 135°C/W, pulse duration ≤100 μs, duty
cycle
≤1%.
Configuration
RS1S2(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD87501L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87501L TI2-CSD87501L Datasheet
1Mb / 13P
CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
REVISED MAY 2019
CSD87501L.B TI2-CSD87501L.B Datasheet
1Mb / 13P
CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
REVISED MAY 2019
CSD87501LT TI2-CSD87501LT Datasheet
1Mb / 13P
CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
REVISED MAY 2019
CSD87501LT.B TI2-CSD87501LT.B Datasheet
1Mb / 13P
CSD87501L 30-V Dual Common Drain N-Channel NexFET™ Power MOSFET
REVISED MAY 2019
More results

Similar Description - CSD87501L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET, Common Drain
18-Feb-02
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
30 V N-Channel NexFET Power MOSFET
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
30-V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
logo
Vishay Siliconix
SISF00DN VISHAY-SISF00DN Datasheet
270Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
09-Nov-2020
SISF04DN VISHAY-SISF04DN Datasheet
192Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
02-Sep-2019
SISF06DN VISHAY-SISF06DN Datasheet
225Kb / 9P
Common Drain Dual N-Channel 30 V (S1-S2) MOSFET
13-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com