Electronic Components Datasheet Search
  English  ▼

X  

MAX6338OUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6338OUB
Description  Quad Voltage Monitor in 關MAX Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6338OUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6338OUB Datasheet HTML 1Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 2Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 3Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 4Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 5Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 6Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 7Page - Maxim Integrated Products MAX6338OUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Quad Voltage Monitor in µMAX Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA= -40°C to +85°C, unless otherwise noted. Typical values are at TA= +25°C and VCC = +5V, unless other-
wise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ......................................................................-0.3V to +6V
Output Voltages (OUT_) ...........................................-0.3V to +6V
Input Voltages (IN_) (except -5V).............................-0.3V to +6V
Input Voltage (-5V input) ..........................................-6V to +0.3V
Continuous OUT_ Current...................................................20mA
Continuous Power Dissipation (TA = +70°C)
10-pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
+2.5
+5.5
V
VCC = +3V
25
50
Supply Current
ICC
VCC = +5V
35
65
µA
VIN_ = input threshold voltage
(+1.8V, +2.5V, +3.0V, +3.3V, +5.0V)
25
40
VIN_ = 0 to VCC
(input threshold voltage =1.23V)
-0.1
+0.1
Input Current (Note 2)
IIN_
VIN_ = -5V
(input threshold voltage = -5V)
-10
-20
µA
+5.0V (-5%) Threshold
VTH
VIN decreasing
4.5
4.63
4.75
V
+5.0V (-10%) Threshold
VTH
VIN decreasing
4.25
4.38
4.50
V
+3.3V (-5%) Threshold
VTH
VIN decreasing
3.0
3.08
3.15
V
+3.3V (-10%) Threshold
VTH
VIN decreasing
2.85
2.93
3.00
V
+3.0V (-5%) Threshold
VTH
VIN decreasing
2.7
2.78
2.85
V
+3.0V (-10%) Threshold
VTH
VIN decreasing
2.55
2.63
2.70
V
+2.5V (-10%) Threshold
VTH
VIN decreasing
2.13
2.19
2.25
V
+1.8V (-10%) Threshold
VTH
VIN decreasing
1.53
1.58
1.62
V
-5.0V (+5%) Threshold
VTH
VIN increasing
-4.75
-4.63
-4.50
V
-5.0V (+10%) Threshold
VTH
VIN increasing
-4.5
-4.38
-4.25
V
Adjustable Threshold
VTH
VIN decreasing
1.20
1.23
1.26
V
Threshold Voltage Temperature
Coefficient
60
ppm/
°C
Threshold Hysteresis
VTHYST
0.3
%
Propagation Delay
tpd
VIN_ = VTH to (VTH - 50mV) or
VTH to (VTH - 50mV)
20
µs
VCC = 5V, ISINK = 2mA
0.4
VCC = 2.5V, ISINK = 1.2mA
0.4
Output Low Voltage
VOL
VCC = 1V, ISINK = 50
µA0.4
V
Output High Voltage
VOH
VCC > 2.5V, ISOURCE = 6
µA (minimum)
0.8 x VCC
V
Note 1: 100% production tested at +25
°C. Overtemperature limits guaranteed by design.
Note 2: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com