Electronic Components Datasheet Search
  English  ▼

X  

S19102 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S19102
Description  VOLTAGE DETECTOR WITH SENSE PIN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19102 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S19102 Datasheet HTML 9Page - Seiko Instruments Inc S19102 Datasheet HTML 10Page - Seiko Instruments Inc S19102 Datasheet HTML 11Page - Seiko Instruments Inc S19102 Datasheet HTML 12Page - Seiko Instruments Inc S19102 Datasheet HTML 13Page - Seiko Instruments Inc S19102 Datasheet HTML 14Page - Seiko Instruments Inc S19102 Datasheet HTML 15Page - Seiko Instruments Inc S19102 Datasheet HTML 16Page - Seiko Instruments Inc S19102 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
FOR AUTOMOTIVE 105°C OPERATION VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_00
S-19102/19108 Series
Seiko Instruments Inc.
13
Standard Circuits
1. Nch open-drain output product
VDD
OUT
VSS
R
100 k
Ω
SENSE
Figure 12
2. CMOS output product
VDD
OUT
VSS
SENSE
Figure 13
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com