Electronic Components Datasheet Search
  English  ▼

X  

S19104 Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # S19104
Description  FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19104 Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button S19104 Datasheet HTML 30Page - Seiko Instruments Inc S19104 Datasheet HTML 31Page - Seiko Instruments Inc S19104 Datasheet HTML 32Page - Seiko Instruments Inc S19104 Datasheet HTML 33Page - Seiko Instruments Inc S19104 Datasheet HTML 34Page - Seiko Instruments Inc S19104 Datasheet HTML 35Page - Seiko Instruments Inc S19104 Datasheet HTML 36Page - Seiko Instruments Inc S19104 Datasheet HTML 37Page - Seiko Instruments Inc S19104 Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
FOR AUTOMOTIVE 105°C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-19104/19106 Series
Rev.1.1_00
Seiko Instruments Inc.
34
Application Circuit Examples
1. Microcomputer reset circuits
In microcomputers, when the power supply voltage is lower than the minimum operation voltage, an unspecified
operation may be performed or the contents of the memory register may be lost. When power supply voltage
returns to the normal level, the microcomputer needs to be initialized. Otherwise, the microcomputer may
malfunction after that. Reset circuits to protect microcomputer in the event of current being momentarily switched
off or lowered.
Using the S-19104/19106 Series which has the low minimum operation voltage, the high-accuracy detection
voltage and the hysteresis width, reset circuits can be easily constructed as seen in Figure 36 and Figure 37.
GND
VDD
VDD1
Microcomputer
VDD
VSS
SENSE
OUT
CD
GND
VDD
VDD1
Microcomputer
VDD
VSS
SENSE
OUT
CD
Figure 36 Example of Reset Circuit
Figure 37 Example of Reset Circuit
(Nch open-drain output product)
(CMOS output product)
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com