Electronic Components Datasheet Search
  English  ▼

X  

S19311 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S19311
Description  FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19311 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S19311 Datasheet HTML 9Page - Seiko Instruments Inc S19311 Datasheet HTML 10Page - Seiko Instruments Inc S19311 Datasheet HTML 11Page - Seiko Instruments Inc S19311 Datasheet HTML 12Page - Seiko Instruments Inc S19311 Datasheet HTML 13Page - Seiko Instruments Inc S19311 Datasheet HTML 14Page - Seiko Instruments Inc S19311 Datasheet HTML 15Page - Seiko Instruments Inc S19311 Datasheet HTML 16Page - Seiko Instruments Inc S19311 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.0_01
S-19311 Series
Seiko Instruments Inc.
13
Explanation of Terms
1. Regulator block
1. 1 Low dropout voltage regulator
This voltage regulator has the low dropout voltage due to its built-in low on-resistance transistor.
1. 2 Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±2.0% under specified conditions of fixed input voltage
*1, fixed
output current, and fixed temperature.
*1. Differs depending on the product.
Caution If the above conditions change, the output voltage value may vary and exceed the accuracy range
of the output voltage. Refer to "1. Regulator block" in " Electrical Characteristics" and "1.
Regulator block" in " Characteristics (Typical Data)" for details.
1. 3 Line regulation 

ΔVOUT1
ΔVIN • VOUT
Indicates the dependency of the output voltage against the input voltage. That is, the value shows how much the
output voltage changes due to a change in the input voltage after fixing output current constant.
1. 4 Load regulation (
ΔVOUT2)
Indicates the dependency of the output voltage against the output current. That is, the value shows how much the
output voltage changes due to a change in the output current after fixing input voltage constant.
1. 5 Dropout voltage (Vdrop)
Indicates the difference between input voltage (VIN1) and the output voltage when; decreasing input voltage (VIN)
gradually until the output voltage has dropped out to the value of 98% of output voltage (VOUT3), which is at VIN =
VOUT(S)
+ 1.0 V.
Vdrop = VIN1
− (VOUT3 × 0.98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com