Electronic Components Datasheet Search
  English  ▼

X  

IRS2530D Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2530D
Description  Dimming ballast control plus half-bridge driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2530D Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2530D Datasheet HTML 9Page - International Rectifier IRS2530D Datasheet HTML 10Page - International Rectifier IRS2530D Datasheet HTML 11Page - International Rectifier IRS2530D Datasheet HTML 12Page - International Rectifier IRS2530D Datasheet HTML 13Page - International Rectifier IRS2530D Datasheet HTML 14Page - International Rectifier IRS2530D Datasheet HTML 15Page - International Rectifier IRS2530D Datasheet HTML 16Page - International Rectifier IRS2530D Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
IRS2530D(S)
www.irf.com
© 2008 International Rectifier
13
until the VB-to-VS voltage exceeds the high-side UVLO rising threshold, VBSUV+ (9 V, typical), and the high-
side driver is enabled. The capacitor CVCC should be large enough such that VCC does not reach UVLO-
before HO is enabled and the charge pump supply takes over.
External gate drive resistors, RHO and RLO, are also recommended as standard design practice to limit high
peak currents that can flow into or out of the HO and LO gate drive outputs.
During UVLO Mode, the high-side gate driver output, HO, is ‘low’ and the VCO pin is pulled down internally
to COM. The low-side gate driver output, LO, is open circuit and is used as a shutdown/reset input function
for automatically restarting the IC when a lamp has been removed and re-inserted. The IC includes an
internal shutdown threshold, VLOSD+ (8.75 V, typical), and re-start logic circuit at the LO pin that is only
active during UVLO mode. If VCC is above VCCUV+, but the lamp is removed, the external pull-up network
(RLMP1 and RLMP2) will pull LO above VLOSD+ and the IC will remain in UVLO mode. When the lamp is re-
inserted, the lower filament of the lamp will pull LO down below VLOSD- (8.5 V, typical) and the IC will exit
UVLO Mode and enter Preheat/Ignition Mode.
Preheat/Ignition (PH/IGN) Mode
When VCC exceeds VCCUV+ and the LO pin is below VLOSD-, the IC enters Preheat/Ignition Mode. An internal
current source, IVCO (1 μA, typical), (Figure 2) charges the external capacitor on pin VCO causing the voltage
on pin VCO to start ramping up linearly. An additional quick-start current, IVCOQS (50 μA, typical), is also
connected to the VCO pin and charges the VCO pin initially to 0.85 V. The quick-start current charges the
VCO voltage up quickly to the internal 1 to 5 V range of the internal VCO. When the VCO voltage exceeds
0.85 V the quick-start current is then disconnected internally and the VCO voltage continues to charge up
with the normal frequency sweep current source, IVCO (1 μA, typical) (Figure 3).
VCC
COM
VCO
LO
VS
HO
VB
DIM
MHS
CBS
CVCC2
RVCO
RVCC2
DCP2
DCP1
CSNUB
CVCO
MLS
DCBUS(+)
DCBUS(-)
8
7
6
5
1
2
3
4
TO LOAD
LOAD RETURN
15.6V
CLAMP
High-
and
Low-
side
Driver
Bootstrap
FET
Driver
VCO
RHO
RLO
CPH
CDIM
RVCC1
DIM REF
and FB
1uA
Fault
Logic
+
_
4.6V
CVCC1
RLIM1
RLIM2
Figure 2, Preheat/Ignition Mode circuitry.
The frequency ramps down from the maximum frequency towards the resonance frequency of the high-Q
ballast output stage. The lamp filaments are preheated as the lamp voltage and load current increase. The
voltage on pin VCO continues to increase and the frequency keeps decreasing until the lamp ignites. If the
lamp ignites successfully, the IC will then enter DIM Mode (Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com