Electronic Components Datasheet Search
  English  ▼

X  

MAX6402 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6402
Description  關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6402 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6402 Datasheet HTML 1Page - Maxim Integrated Products MAX6402 Datasheet HTML 2Page - Maxim Integrated Products MAX6402 Datasheet HTML 3Page - Maxim Integrated Products MAX6402 Datasheet HTML 4Page - Maxim Integrated Products MAX6402 Datasheet HTML 5Page - Maxim Integrated Products MAX6402 Datasheet HTML 6Page - Maxim Integrated Products MAX6402 Datasheet HTML 7Page - Maxim Integrated Products MAX6402 Datasheet HTML 8Page - Maxim Integrated Products MAX6402 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX6400–MAX6405 is a family of ultra-low power
microprocessor (µP) supervisory circuits used for moni-
toring battery, power-supply, and regulated system
voltages. Each device contains a precision bandgap
reference comparator and is trimmed to specified trip
threshold voltages. These devices provide excellent cir-
cuit reliability and low cost by eliminating external com-
ponents and adjustments when monitoring system
voltages from 2.5V to 5.0V. A manual reset input is also
included.
The MAX6400–MAX6405 assert a reset signal whenev-
er the VCC supply voltage falls below a preset thresh-
old. These devices are differentiated by their output
logic configurations and preset threshold voltages. The
MAX6400/MAX6403 (push-pull) and the MAX6402/
MAX6405 (open-drain) have an active-low reset (RESET
is logic low when VCC is below VTH). The MAX6401/
MAX6404 have an active-high push-pull output (RESET
is logic high when VCC is below VTH). All parts are
guaranteed to be in the correct output logic state for
VCC down to 1V. The reset circuit is designed to ignore
fast transients on VCC. The MAX6400/MAX6401/
MAX6402 have voltage thresholds between 2.20V and
3.08V in approximately 100mV increments. The
MAX6403/MAX6404/MAX6405 have voltage thresholds
between 3.30V and 4.63V in approximately 100mV
increments.
Ultra-low supply current of 500nA (MAX6400/MAX6401/
MAX6402) makes these parts ideal for use in portable
equipment. These devices are available in 4-bump
chip-scale packages (UCSP™)
Applications
Portable/Battery-Powered Equipment
Cell Phones
PDAs
MP3 Players
Pagers
____________________________Features
o Ultra-Small 4-Bump (2 ✕ 2) Chip-Scale Package,
(Package Pending Full Qualification—Expected
Completion Date 6/30/01. See UCSP Reliability
Section for More Details.)
o 70% Smaller Than SC70 Package
o Ultra-Low 500nA (typ) Supply Current
(MAX6400/MAX6401/MAX6402)
o Factory-Trimmed Reset Thresholds from 2.20V to
4.63V in Approximately 100mV Increments
o ±2.5% Threshold Accuracy -40°C to +85°C
o Factory-Set 100ms (min) Reset Timeout Period
o Manual Reset Input
o Guaranteed Reset Valid to VCC = 1.0V
o Three Reset Output Logic Options: Active-Low
Push-Pull, Active-High Push-Pull, and Active-Low
Open-Drain.
o Immune to Short VCC Transients
o No External Components
µP Supervisory Circuits in 4-Bump (2
✕ 2)
Chip-Scale Package
________________________________________________________________ Maxim Integrated Products
1
PART
NOMINAL
VTH (V)
RESET/
RESET
OUTPUT TYPE
MAX6400
2.20 to 3.08
Push-Pull, Active-Low
MAX6401
2.20 to 3.08
Push-Pull, Active-High
MAX6402
2.20 to 3.08
Open-Drain, Active-Low
MAX6403
3.30 to 4.63
Push-Pull, Active-Low
MAX6404
3.30 to 4.63
Push-Pull, Active-High
MAX6405
3.30 to 4.63
Open-Drain, Active-Low
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX6400BS_ _-T
-40
oC to +85oC
UCSP-4
MAX6401BS_ _-T
-40
oC to +85oC
UCSP-4
MAX6402BS_ _-T
-40
oC to +85oC
UCSP-4
MAX6403BS_ _-T
-40
oC to +85oC
UCSP-4
MAX6404BS_ _-T
-40
oC to +85oC
UCSP-4
MAX6405BS_ _-T
-40
oC to +85oC
UCSP-4
Selector Guide
The MAX6400–MAX6405 are available in factory-set VCC reset
thresholds from 2.20V to 4.63V, in approximately 0.1V incre-
ments. Choose the desired reset-threshold suffix from Table 1
and insert it in the blank space following “S”. There are 21 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(Table 1). Required order increment is 10,000 pieces for non-
standard versions (Table 2). Contact factory for availability. All
devices available in tape-and-reel only.
UCSP reliability is integrally linked to the user’s assembly
methods, circuit board material, and environment. Refer to the
UCSP Reliability Notice in the UCSP Reliability section of this
data sheet for more information.
Pin Configuration appears at end of data sheet.
19-2043; Rev 1; 8/01
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX640 MAXIM-MAX640 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406-MAX6411 MAXIM-MAX6406-MAX6411 Datasheet
144Kb / 8P
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406BS MAXIM-MAX6406BS Datasheet
144Kb / 8P
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
MAX6406BS22-T MAXIM-MAX6406BS22-T Datasheet
144Kb / 8P
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
More results

Similar Description - MAX6402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6339 MAXIM-MAX6339 Datasheet
173Kb / 9P
Quad Voltage 關P Supervisory Circuit in SOT Package
Rev 2; 10/01
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
關P Supervisory Circuits
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
Low-Cost, 關P Supervisory Circuits
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com