Electronic Components Datasheet Search
  English  ▼

X  

IRS21844MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS21844MPBF
Description  HALF-BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21844MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS21844MPBF Datasheet HTML 3Page - International Rectifier IRS21844MPBF Datasheet HTML 4Page - International Rectifier IRS21844MPBF Datasheet HTML 5Page - International Rectifier IRS21844MPBF Datasheet HTML 6Page - International Rectifier IRS21844MPBF Datasheet HTML 7Page - International Rectifier IRS21844MPBF Datasheet HTML 8Page - International Rectifier IRS21844MPBF Datasheet HTML 9Page - International Rectifier IRS21844MPBF Datasheet HTML 10Page - International Rectifier IRS21844MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.irf.com
© 2008 International Rectifier
7
IRS21844MPBF
Lead Definitions
PIN
Symbol
Description
1
SD
Logic input for shutdown (referenced to VSS)
2
VSS
Logic ground
3
DT
Programmable deadtime lead, referenced to VSS
4
COM
Low-side return
5
LO
Low-side gate drive output
6
NC
No Connection
7
VCC
Low-side and logic fixed supply
8
NC
No Connection
9
NC
No Connection
10
NC
No Connection (removed lead)
11
VS
High-side floating supply return
12
HO
High-side gate drive output
13
VB
High-side floating supply
14
NC
No Connection
15
NC
No Connection (removed lead)
16
IN
Logic input for high-side gate driver output (HO), in phase
Lead Assignments: IRS21844
IRS21844MPBF
16L- MLPQ4x 4
with 2 leads
removed
= Removed lead
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SD
Vss
DT
COM
VS
HO
NC
NC
IRS21844MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com