Electronic Components Datasheet Search
  English  ▼

X  

MAX6435 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6435
Description  Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6435 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6435 Datasheet HTML 1Page - Maxim Integrated Products MAX6435 Datasheet HTML 2Page - Maxim Integrated Products MAX6435 Datasheet HTML 3Page - Maxim Integrated Products MAX6435 Datasheet HTML 4Page - Maxim Integrated Products MAX6435 Datasheet HTML 5Page - Maxim Integrated Products MAX6435 Datasheet HTML 6Page - Maxim Integrated Products MAX6435 Datasheet HTML 7Page - Maxim Integrated Products MAX6435 Datasheet HTML 8Page - Maxim Integrated Products MAX6435 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Power, Single/Dual-Level Battery Monitors
with Hysteresis
4
_______________________________________________________________________________________
Note 1: Production testing done at TA = +25°C, limits over temperature guaranteed by design only.
Note 2: Percentage of selected factory-fixed HTH- or LTH- threshold voltage.
Note 3: Percentage of 1.05 ✕ (selected factory-fixed threshold voltage).
Note 4: Percentage of 615mV voltage reference.
Note 5: Percentage of 585mV voltage reference.
Note 6: Guaranteed by design.
Note 7: VSUPPLY is BATT or VDD.
ELECTRICAL CHARACTERISTICS (continued)
(BATT = 1.0V to 5.5V or VDD = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOW-BATTERY OUTPUTS (LBO, LBO, LBOH, LBOH, LBOL, LBOL )
Timeout Period
tLBOP
BATT or VDD/HTHIN/LTHIN rising above
threshold
140
210
280
ms
Delay
tLBOD
BATT or VDD/HTHIN/LTHIN falling below
threshold
100
µs
BATT or VDD
≥ 1.6V, ISINK = 100µA,
asserted low
0.3
BATT or VDD
≥ 2.7V, ISINK = 1.2mA,
asserted low
0.3
LBO/LBOL/LBOH Output LOW
(Push-Pull or Open-Drain)
VOL
BATT or VDD
≥ 4.5V, ISINK = 3.2mA,
asserted low
0.4
V
BATT or VDD
≥ 1.6V, ISOURCE = 200µA,
deasserted
0.8
× VSUPPLY
BATT or VDD
≥ 2.7V, ISOURCE = 500µA,
deasserted
0.8
× VSUPPLY
LBO Output HIGH (Push-Pull
Only) (Note 7)
VOH
BATT or VDD
≥ 4.5V, ISOURCE = 800µA,
deasserted
0.8
× VSUPPLY
V
LBO Output Leakage Current
(Open-Drain Only)
ILKG
LBO deasserted
500
nA
BATT or VDD
≥ 1.6V, ISINK = 100µA,
deasserted low
0.3
BATT or VDD
≥ 2.7V, ISINK = 1.2mA,
deasserted low
0.3
LBO/LBOL/LBOH Output
LOW (Open-Drain Only)
VOL
BATT or VDD
≥ 4.5V, ISINK = 3.2mA,
deasserted low
0.4
V
LBO Output Leakage Current
(Open-Drain Only)
ILKG
LBO asserted
500
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com