Electronic Components Datasheet Search
  English  ▼

X  

MAX6509 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6509
Description  Resistor-Programmable SOT Temperature Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6509 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6509 Datasheet HTML 1Page - Maxim Integrated Products MAX6509 Datasheet HTML 2Page - Maxim Integrated Products MAX6509 Datasheet HTML 3Page - Maxim Integrated Products MAX6509 Datasheet HTML 4Page - Maxim Integrated Products MAX6509 Datasheet HTML 5Page - Maxim Integrated Products MAX6509 Datasheet HTML 6Page - Maxim Integrated Products MAX6509 Datasheet HTML 7Page - Maxim Integrated Products MAX6509 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
mal shutdown, power-up, recalibration, or other tem-
perature-dependent function.
Low-Cost, Fail-Safe Temperature Monitor
In high-performance/high-reliability applications, multi-
ple temperature monitoring is important. The high-level
integration and low cost of the MAX6509/MAX6510
facilitate the use of multiple temperature monitors to
increase system reliability. Figure 6 shows two
MAX6510s with different temperature thresholds. This
ensures that fault conditions that can overheat the mon-
itored device cause no permanent damage. The first
temperature monitor activates the fan when the die
temperature exceeds +45°C. The second MAX6510
triggers a system shutdown if the die temperature
reaches +75°C. The second temperature monitor’s out-
put asserts when a wide variety of destructive fault con-
ditions occur, including latchups, short circuits, and
cooling-system failures.
Set-Point Resistor
To set the trip-point temperature, connect a resistor
between SET and GND. The resistor’s value is deter-
mined either from the RSET vs. Temperature graphs
(see Typical Operating Characteristics) or from the
equations below.
To set the temperature trip point from -40°C to 0°C, use
the following equation:
RSET = [(1.3258 · 105) / (T+1.3)] - 310.1693 -
[(5.7797 · 106) / (T+1.3)2]
To set the temperature trip point from 0°C to +125°C,
use the following equation:
RSET = [(8.3793 · 104) / T] - 211.3569 +
[(1.2989 · 105) / T2]
where T is the trip temperature in Kelvin.
Resistor-Programmable
SOT Temperature Switches
_______________________________________________________________________________________
7
MAX6509CAUK
MAX6509HAUK
+5V
HYST
SET
HYST
GND
VCC
GND
VCC
RPULL-UP
100k
OUT
OUT
OUT OF RANGE
MAX6510HAUT
HYST
VCC
VCC
100k
RSET
RSET
RSET
100k
30k
OUTSET
GND
+5V
MAX6509CAUT
GND
SET
OUTSET
HYST
VCC
VCC
OUT
30k
OUT
OUT OF RANGE
OVERTEMP
UNDERTEMP
RSET
Figure 5. Temperature-Window Detector
MAX6510HAUT
GND
HYST
+5V
30k
RSET
MAX6510HAUT
GND
HYST
SET
VCC
VCC
OUT
SET
OUT
OUTSET
OUTSET
TEMPERATURE
FAULT
FAN
CONTROL
µP
HEAT
HEAT
55k
RSET
VCC
VCC
Figure 6. Low-Power, High-Reliability, Fail-Safe Temperature
Monitor
Chip Information
TRANSISTOR COUNT: 234



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com